Electronic Components Datasheet Search
  English  ▼

X  

XUH520 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # XUH520
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUH520 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button XUH520 Datasheet HTML 11Page - Renesas Technology Corp XUH520 Datasheet HTML 12Page - Renesas Technology Corp XUH520 Datasheet HTML 13Page - Renesas Technology Corp XUH520 Datasheet HTML 14Page - Renesas Technology Corp XUH520 Datasheet HTML 15Page - Renesas Technology Corp XUH520 Datasheet HTML 16Page - Renesas Technology Corp XUH520 Datasheet HTML 17Page - Renesas Technology Corp XUH520 Datasheet HTML 18Page - Renesas Technology Corp XUH520 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
Revision History
Revision Date
Description of Change
November 21, 2024
Updated
Table 11.
November 1, 2023
Updated values in
Table 11.
January 11, 2022
▪ Updated Frequency Stability values in Table 14.
▪ Removed Aging parameters in Table 12, Table 13 and Table 14.
December 7, 2021
▪ Updated Frequency Stability values in Table 12 and Table 13.
▪ Removed I2C section.
November 23, 2021
Added
Frequency Stability and Operating Temperature Decoder table after Ordering Information.
August 18, 2021
Moved Ordering Information table to just after Pin Descriptions.
January 19, 2021
▪ Removed 4-pin package description table, figure, and package drawing references.
▪ Added footnote for pin 5 in Table 1.
▪ Added footnote under “Output Type” in Ordering Information.
January 12, 2021
Added Marking Diagrams section and updated Package Outline Drawings links.
February 11, 2020
Added I2C Bus Characteristics tables.
June 28, 2019
▪ Added footnote to frequency range bullet under front page Features.
June 25, 2018
▪ Updated Package Outline Drawings section.
November 22, 2017
▪ Updated Theta JA and JB in Absolute Maximum Ratings table.
▪ Added MSL statement under Mechanical Testing table.
▪ Updated ordering information.
October 19, 2017
▪ Updated document title.
▪ Updated Features bullets.
▪ Updated Absolute Maximum Ratings and ESD Compliance tables.
▪ Added -40°C to +105°C rating to all electrical tables.
▪ Removed phase noise charts.
▪ Updated Ordering Information table.
May 12, 2017
▪ Reformatted embedded tables.
▪ Removed “Jitter Performance” tables and moved the “Phase Jitter (12kHz–20MHz)” parameter to its
respective AC Electrical Characteristics table.
▪ Updated all Output Waveform drawings.
December 1, 2016
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com