Electronic Components Datasheet Search
  English  ▼

X  

LSATA6 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # LSATA6
Description  6in Latching SATA Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

LSATA6 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  LSATA6 Datasheet HTML 1Page - StarTech.com Ltd. LSATA6 Datasheet HTML 2Page - StarTech.com Ltd. LSATA6 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6in Latching SATA Cable
Product ID: LSATA6
The LSATA6 SATA Cable features two latching 7-pin data receptacles and supports full SATA 3.0 bandwidth of up to
6Gbps when used with SATA 3.0 compliant drives.
The latching connectors lock when connected to a supporting (latchable) SATA port, ensuring a snug, and secured
data connection every time to prevent accidental disconnects.
Featuring a low profile, yet durable construction, the flexible design improves airflow and reduces clutter in your
computer case, helping to keep the case clean and cool.
Constructed of only top quality materials and designed for optimum performance and reliability this 6" SATA cable is
backed by our lifetime warranty.
Certifications, Reports and Compatibility
Applications
• Installing Serial ATA hard drives, and DVD drives in Small Form Factor computer cases
• Server and storage subsystem applications
• High-end workstation drive installations
• Connections to SATA Drive Arrays


Similar Part No. - LSATA6

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
DONG IL TECHNOLOGY LTD.
LSA DIT-LSA Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
SHINMEI ELECTRIC CO., L...
LSA-1112J5 SHINMEI-LSA-1112J5 Datasheet
87Kb / 1P
Normally open type leaf switch
LSA-1119E SHINMEI-LSA-1119E Datasheet
74Kb / 2P
Normally open type leaf switch
LSA-1119F SHINMEI-LSA-1119F Datasheet
74Kb / 2P
Normally open type leaf switch
More results

Similar Description - LSATA6

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-ESATA-075-R ASSMANN-AK-ESATA-075-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-100-R ASSMANN-AK-ESATA-100-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-150-R ASSMANN-AK-ESATA-150-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
logo
Tripp Lite. All Rights ...
P94008I TRIPPLITE-P94008I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 8-in
P94019I TRIPPLITE-P94019I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 19-in
P94039I TRIPPLITE-P94039I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 39-in
P940-39I TRIPPLITE-P940-39I Datasheet
483Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 39-in.
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
P940-12I TRIPPLITE-P940-12I Datasheet
157Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 12-in.
P940-19I TRIPPLITE-P940-19I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 19-in.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com