Electronic Components Datasheet Search
  English  ▼

X  

M2E4BTB3 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # M2E4BTB3
Description  4 Bay Thunderbolt 3 NVMe Enclosure, For M.2 NVMe SSD Drives, 1x DisplayPort Video/ 2x TB3 Downstream Ports, 40Gbps, 72W Power Supply, External Hard Drive Enclosure
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

M2E4BTB3 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  M2E4BTB3 Datasheet HTML 1Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 2Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 3Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 4Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 5Page - StarTech.com Ltd. M2E4BTB3 Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Certifications, Reports and Compatibility
Applications
• Build a software RAID array with a storage management system like Storage Spaces (Microsoft), RAID Assistant
(macOS), or mdraid/mdadm (Linux)
• Ideal for creative professionals working with large files such as high-resolution graphics, video, and CAD files
Features
• HIGH PERFORMANCE M.2 STORAGE VIA THUNDERBOLT 3 : Turn up to 4 PCIe 80mm M.2 SSDs (M-Key) into
an external TB3 storage solution; Data transfer speeds up to 40Gbps; Downstream TB3 port; DisplayPort video
output; Vented metal enclosure w/thermal pads & fan
• MAXIMIZE DRIVE SPEED: Connect up to four M.2 PCIe NVMe and/or AHCI drives with an 8Gbps PCIe lane
dedicated to each SSD; Supports software RAID with storage management systems like Storage Spaces (Microsoft) ,
RAID Assistant (macOS), mdraid/mdadm (Linux)
• FLEXIBLE PORT OPTIONS: DisplayPort output to connect to a display with resolutions up to 4K 60Hz;
Downstream TB3 port to daisy chain additional TB3 devices or a compatible TB3 display (up to 5K 60Hz); Connected
devices share bandwidth with connected SSDs
• THUNDERBOLT 3 CERTIFIED: Works w/TB3 & TB4 host devices like MacBook Pro 16/13/Air (Dual displays on
Mac w/Intel & M1 Pro/Max Processor; Dual display not supported on M1 Mac), Lenovo ThinkPad X1 Carbon/T
Series, Dell XPS/Latitude/Precision & HP EliteBook
• POWER ADAPTER & THUNDERBOLT 3 CABLE INCLUDED: Self powered with an included 72W EPS power
supply that powers the enclosure, the connected drives and provides 15W to TB3 port; Includes 2.3 ft (70cm) TB3
certified passive cable; NOT COMPATIBLE WITH SATA SSD
Hardware
Warranty
2 Years
Fan(s)
Yes
Fans
1 - 40 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com