Electronic Components Datasheet Search
  English  ▼

X  

XUM516 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # XUM516
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUM516 Datasheet(HTML) 5 Page - Renesas Technology Corp

  XUM516 Datasheet HTML 1Page - Renesas Technology Corp XUM516 Datasheet HTML 2Page - Renesas Technology Corp XUM516 Datasheet HTML 3Page - Renesas Technology Corp XUM516 Datasheet HTML 4Page - Renesas Technology Corp XUM516 Datasheet HTML 5Page - Renesas Technology Corp XUM516 Datasheet HTML 6Page - Renesas Technology Corp XUM516 Datasheet HTML 7Page - Renesas Technology Corp XUM516 Datasheet HTML 8Page - Renesas Technology Corp XUM516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
DC Electrical Characteristics
Note for all DC Electrical Characteristics tables: A pull-up resistor from VDD to E/D enables output when pin 1 is left open.
Table 5. 3.3V IDD DC Electrical Characteristics
VDD = 3.3V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Unit
IDD
Current Consumption
LVDS
0.016MHz to 400MHz.
-
-
97
mA
400.000+MHz to 1.5GHz.
-
-
122
LVPECL
0.016MHz to 212.5MHz.
-
-
115
212.5+MHz to 400MHz.
-
-
128
400+MHz to 670MHz.
-
-
142
HCSL
0.016MHz to 670MHz.
-
-
145
LVCMOS
0.016MHz to 62.5MHz.
-
-
98
62.5+MHz to 167MHz.
-
-
108
Table 6. 2.5V IDD DC Electrical Characteristics
VDD = 2.5V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Unit
IDD
Current Consumption
LVDS
0.016MHz to 400MHz.
-
-
90
mA
400.000+MHz to 1.35GHz.
-
-
103
LVPECL
0.016MHz to 156.25MHz.
-
-
102
156.25+MHz to 400MHz.
-
-
112
400+MHz to 670MHz.
-
-
118
HCSL
0.016MHz to 400MHz.
-
-
102
400.000+MHz to 670MHz.
-
-
112
LVCMOS
0.016MHz to 62.5MHz.
-
-
80
62.5+MHz to 125MHz.
-
-
85
125+MHz to 167MHz.
-
-
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com