Electronic Components Datasheet Search
  English  ▼

X  

STPS1045D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1045D
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045D Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1045D Datasheet HTML 1Page - STMicroelectronics STPS1045D Datasheet HTML 2Page - STMicroelectronics STPS1045D Datasheet HTML 3Page - STMicroelectronics STPS1045D Datasheet HTML 4Page - STMicroelectronics STPS1045D Datasheet HTML 5Page - STMicroelectronics STPS1045D Datasheet HTML 6Page - STMicroelectronics STPS1045D Datasheet HTML 7Page - STMicroelectronics STPS1045D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2007
Rev 6
1/8
8
STPS1045
Power Schottky rectifier
Main product characteristics
Features and Benefits
Very small conduction losses
Negligible switching losses
Extremely fast switching
Low forward voltage drop
Insulated package: TO-220FPAC
Insulating voltage = 2000V DC
Capacitance = 12 pF
Avalanche capability specified
Description
Single chip Schottky rectifier suited for Switch
Mode Power Supply and high frequency DC to
DC converters.
This device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection applications.
IF(AV)
10 A
VRRM
45 V
VF
0.57 V
TO-220AC
STPS1045D
TO-220FPAC
STPS1045FP
AK
A
K
A
K
www.st.com


Similar Part No. - STPS1045D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
100Kb / 8P
Power Schottky rectifier
22-Mar-2007
STPS1045DEE STMICROELECTRONICS-STPS1045DEE Datasheet
91Kb / 8P
Power Schottky rectifier
09-Sep-2012
STPS1045DEE STMICROELECTRONICS-STPS1045DEE Datasheet
356Kb / 9P
45 V, 10 A power Schottky rectifier
18-May-2022
STPS1045DEE-TR STMICROELECTRONICS-STPS1045DEE-TR Datasheet
356Kb / 9P
45 V, 10 A power Schottky rectifier
18-May-2022
More results

Similar Description - STPS1045D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com