Electronic Components Datasheet Search
  English  ▼

X  

XUN520 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # XUN520
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUN520 Datasheet(HTML) 2 Page - Renesas Technology Corp

  XUN520 Datasheet HTML 1Page - Renesas Technology Corp XUN520 Datasheet HTML 2Page - Renesas Technology Corp XUN520 Datasheet HTML 3Page - Renesas Technology Corp XUN520 Datasheet HTML 4Page - Renesas Technology Corp XUN520 Datasheet HTML 5Page - Renesas Technology Corp XUN520 Datasheet HTML 6Page - Renesas Technology Corp XUN520 Datasheet HTML 7Page - Renesas Technology Corp XUN520 Datasheet HTML 8Page - Renesas Technology Corp XUN520 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
Ordering Information
Table 2. Frequency Stability and Operating Temperature Decoder
“Precision” and “Temperature Range” Codes
Operating Temperature
Frequency Stability
Minimum
Maximum
Unit
“8” and “X”
-20°C to +70°C
-20
+20
ppm
“6” and “X”
-20°C to +70°C
-25
+25
ppm
“5” and “X”
-20°C to +70°C
-50
+50
ppm
“0” and “X”
-20°C to +70°C
-100
+100
ppm
“6” and “I”
-40°C to +85°C
-25
+25
ppm
“5” and “I”
-40°C to +85°C
-50
+50
ppm
“0” and “I”
-40°C to +85°C
-100
+100
ppm
“5” and “K”
-40° to +105°C
-50
+50
ppm
“0” and “K”
-40° to +105°C
-100
+100
ppm
XU
Family and ASIC
L
Output Type
5
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature Range
I: Industrial range – 40 to +85 °C
 K: Extended industrial range – 40 to +105 °C
 X: Extended commercial range – 20 to +70 °C
125.000000 Listed in MHz to  6 digits
   000.016000 MHz to 999.999999 MHz
A00.000000 to A99.9999991000 MHz to 1099.999 MHz
B00.000000 to B99.9999991100 MHz to 1199.999 MHz
C00.000000 to C99.999999 1200 MHz to 1299.999 MHz
D00.000000 to D99.9999991300 MHz to 1399.999 MHz
E00.000000 to E99.9999991400 MHz to 1499.999 MHz     
F00.000000 1500 MHz
0: ±100 ppm
  5: ±50 ppm
  6: ±25 ppm
  8: ±20 ppm
 1: 1.8 VDC ±5%
 2: 2.5 VDC ±5%
 3: 3.3 VDC ±5% 
 5: 5.0 x 3.2 mm
7: 7.0 x 5.0 mm
 H: LVCMOS Enable /Disable Pin 1
 J: LVCMOS Enable /Disable Pin 2
L: LVDS Enable/Disable Pin 1
 M: LVDS Enable/Disable Pin 2
 P: LVPECL Enable/Disable Pin 1
 Q: LVPECL Enable/Disable Pin 2
 N: HCSL Enable/Disable Pin 1
 O: HCSL Enable/Disable Pin 2
X: XLVCMOS Comp HCMOS Enable /Disable Pin 1*
 Y: XLVCMOS Comp HCMOS Enable /Disable Pin 2*
XU: 400 fs jitter
  
See table below for more details.
* XLVCMOS: Complimentary HCMOS where both outputs 
are ON and in opposite phase.
See table below for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com