Electronic Components Datasheet Search
  English  ▼

X  

XUN525 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # XUN525
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUN525 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button XUN525 Datasheet HTML 3Page - Renesas Technology Corp XUN525 Datasheet HTML 4Page - Renesas Technology Corp XUN525 Datasheet HTML 5Page - Renesas Technology Corp XUN525 Datasheet HTML 6Page - Renesas Technology Corp XUN525 Datasheet HTML 7Page - Renesas Technology Corp XUN525 Datasheet HTML 8Page - Renesas Technology Corp XUN525 Datasheet HTML 9Page - Renesas Technology Corp XUN525 Datasheet HTML 10Page - Renesas Technology Corp XUN525 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
Table 10. HCSL DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard
frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VOH
Output High Voltage
VDD = 3.3V ±5%.
0.6
-
1.1
V
VDD = 2.5V ±5%.
0.55
-
0.95
VDD = 1.8V ±5%.
0.45
-
0.7
VOL
Output Low Voltage
-
0
-
0.2
VIH
Enable/Disable Input High Voltage
-
70%VDD
-
-
VIL
Enable/Disable Input Low Voltage
-
-
30%VDD
Table 11. LVCMOS DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard
frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VOH
Output High Voltage
-
90%VDD
-
-
V
VOL
Output Low Voltage
-
-
-
10%VDD
VIH
Enable/Disable Input High Voltage
-
70%VDD
-
-
VIL
Enable/Disable Input Low Voltage
-
-
-
30%VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com