Electronic Components Datasheet Search
  English  ▼

X  

975113 Datasheet(PDF) 1 Page - KNIPEX

Part # 975113
Description  Crimping Pliers for RJ45 Western plugs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

975113 Datasheet(HTML) 1 Page - KNIPEX

  975113 Datasheet HTML 1Page - KNIPEX 975113 Datasheet HTML 2Page - KNIPEX 975113 Datasheet HTML 3Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product information
97 51 13
Crimping Pliers for RJ45 Western
plugs
● All-in-one tool for cable cutting, stripping of round cable and crimping
of common RJ45 plugs
● Reliably crimps shielded and unshielded RJ45 Western plugs (8P8C)
● With adjustable retaining bracket, for all common RJ45 plugs with
closed and non-closed housings
● Exact crimping process due to parallel crimp and self-releasing
mechanism
● Dual crimping points for equal and balanced crimping pressure
● Quick cutting and stripping of CAT-cables with the high-quality blade
● With ergonomic multi-component handles
● "For current and future Western connection technology in the
network / Ethernet area and Western modular plugs with 8P8C pin
assignment"
General
Article No.
97 51 13
EAN
4003773087908
Pliers
burnished
Handles
with multi-component grips
Weight
345 g
Dimensions
191 x 70 x 20 mm
REACH compliant
does not contain SVHC
RoHS compliant
not applicable
Technical details
Range of applications
Western plugs
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.05.2022 | page 1 3


Similar Part No. - 975113

ManufacturerPart #DatasheetDescription
logo
KNIPEX
975110 KNIPEX-975110 Datasheet
262Kb / 2P
Crimping Pliers for Western plugs
05.07.2021
975112 KNIPEX-975112 Datasheet
147Kb / 1P
Crimping Pliers for Western plugs
05.07.2021
logo
Vishay Siliconix
97511E3 VISHAY-97511E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
More results

Similar Description - 975113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
2744869 PHOENIX-2744869 Datasheet
82Kb / 3P
Crimping pliers, for assembling the RJ45 connectors FL PLUG RJ45, for assembly on site
2903110 PHOENIX-2903110 Datasheet
49Kb / 1P
SmartWire DT??pliers for device plugs
1605672 PHOENIX-1605672 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0009
logo
Tripp Lite. All Rights ...
T100-PT1 TRIPPLITE-T100-PT1 Datasheet
187Kb / 2P
Crimping Tool with Cable Stripper for Pass-Through RJ45 Plugs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com