Electronic Components Datasheet Search
  English  ▼

X  

975236 Datasheet(PDF) 1 Page - KNIPEX

Part # 975236
Description  KNIPEX PreciForce® Crimping Pliers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

975236 Datasheet(HTML) 1 Page - KNIPEX

  975236 Datasheet HTML 1Page - KNIPEX 975236 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
97 52 36
KNIPEX PreciForce®
Crimping Pliers
● Consistently high crimping quality thanks to precision dies and forced
locking mechanism (unlockable)
● Tools have been set precisely (calibrated) in the factory
● Optimum transmission of force thanks to toggle lever for fatigue-
reduced operation
● Good handling thanks to favourable handle position, low weight,
compact design and ergonomically shaped handles
● Chrome vanadium electric steel in special quality, oil-hardened
General
Article No.
97 52 36
EAN
4003773051893
Pliers
burnished
Handles
with multi-component grips
Weight
487 g
Dimensions
220 x 63 x 23 mm
Reach
yes
RohS
no
Technical details
Applications
insulated terminals, plug connectors + butt connectors
Capacity in square millimetres
0.5 — 6.0 mm²
Number of crimping positions
3
AWG
20 — 10
Classification
eCl@ss 5.1.4
21040301
ETIM 5.0
EC000168
ETIM 6.0
EC000168
proficl@ss 6.0
AAA946c003
UNSPSC 13.1
27112147
technical change and errors excepted
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 975236

ManufacturerPart #DatasheetDescription
logo
KNIPEX
975230 KNIPEX-975230 Datasheet
114Kb / 2P
KNIPEX PreciForce® Crimping Pliers
05.07.2021
975233 KNIPEX-975233 Datasheet
127Kb / 2P
KNIPEX PreciForce® Crimping Pliers
05.07.2021
975234 KNIPEX-975234 Datasheet
116Kb / 1P
KNIPEX PreciForce® Crimping Pliers
05.07.2021
975235 KNIPEX-975235 Datasheet
115Kb / 1P
KNIPEX PreciForce® Crimping Pliers
05.07.2021
975238 KNIPEX-975238 Datasheet
140Kb / 1P
KNIPEX PreciForce® Crimping Pliers
05.07.2021
More results

Similar Description - 975236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
1212072 PHOENIX-1212072 Datasheet
98Kb / 6P
Crimping pliers - CRIMPFOX-M
1212318 PHOENIX-1212318 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C120
1605668 PHOENIX-1605668 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0008
1605672 PHOENIX-1605672 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0009
1607458 PHOENIX-1607458 Datasheet
46Kb / 2P
Crimping pliers - SF-Z0029
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com