Electronic Components Datasheet Search
  English  ▼

X  

CAT37 Datasheet(PDF) 12 Page - Texas Instruments

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CAT37 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CAT37 Datasheet HTML 5Page - Texas Instruments CAT37 Datasheet HTML 6Page - Texas Instruments CAT37 Datasheet HTML 7Page - Texas Instruments CAT37 Datasheet HTML 8Page - Texas Instruments CAT37 Datasheet HTML 9Page - Texas Instruments CAT37 Datasheet HTML 10Page - Texas Instruments CAT37 Datasheet HTML 11Page - Texas Instruments CAT37 Datasheet HTML 12Page - Texas Instruments CAT37 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CAT37
Doc. No. MD-5005 Rev. T
12
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
REVISION HISTORY
Date
Rev. Reason
25-Sept-03
H
Updated Ordering Information - part numers
Changed L1 for each figure from 22µH to 6.8µH
Changed VIN for Typical Application from 2.7V to 4.2V to 3V to 5V
Changed C1 for each typical application circuit from 4.7µF to 1µF
Changed C2 for each typical application circuit from 2.2µF to 1µF
Changed VIN for each for each typical application circuit from 1.8V to 3V to 3V to 4.2V
25-Sept-03
I
Updated Ordering Information - part numbers
6-Nov-03
J
Updated Features
Changed R1 for Typical Application figure and Typical Application Circuit figures from
6.34Ω to 6.8Ω
Updated Description (2V to 2.5V input supply voltage)
Updated Ordering Information (added package marking code)
Updated Electrical Specifications
Updated Table 4 (R1 Resistor Value) with new values
Updated LED dimming with logic signal (0.095V to 0.105V)
8-Dec-03
K
Updated Typical Application figures
Updated Electrical Specifications
Updated Operation text
Updated LED current programming text
Updated Table 4 (R1 Resistor Value) with new values
Updated LED dimming equations
Updated Typical Application Circuit figures
10-Dec-03
L
Updated FB Pin Leakage Current in Electrical Specifications
18-Dec-03
M
Added Typical Characteristics graphs (pages 4-6)
Added Efficiency graphs to Typical Application Circuits
Changed package drawing for 5-lead SOT-23
22-Dec-03
N
Updated Absolute Maximum Ratings
Deleted temp range from Electrical Specifications
Added Recommended Operating Conditions
Updated Block Diagram
9-June-04
O
Updated Electrical Specifications (changed VRSET to VFB in IQ)
15-June-04
P
Reoved Preliminary data sheet designation
22-Sept-04
Q
Added Green Packages in all areas
1-Nov-04
R
Eliminated TDFN (3 x 4.9mm) package Updated Ordering Information
07-July-05
S
Update Features
Update Description
Update Ordering Information
Update Pin Configuration Update Pin Description
Update Block Diagram
Update Package Outlines
19-May-08
T
Add TSOT-23 in NiPdAu plated finish
Add Example of Ordering Information
Update Package Outline Drawing
Add MD- to document number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com