Electronic Components Datasheet Search
  English  ▼

X  

CAT522 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT522
Description  Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT522 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT522 Datasheet HTML 3Page - Catalyst Semiconductor CAT522 Datasheet HTML 4Page - Catalyst Semiconductor CAT522 Datasheet HTML 5Page - Catalyst Semiconductor CAT522 Datasheet HTML 6Page - Catalyst Semiconductor CAT522 Datasheet HTML 7Page - Catalyst Semiconductor CAT522 Datasheet HTML 8Page - Catalyst Semiconductor CAT522 Datasheet HTML 9Page - Catalyst Semiconductor CAT522 Datasheet HTML 10Page - Catalyst Semiconductor CAT522 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT522
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-2004 Rev. G
Characteristics subject to change without notice
No clock is necessary upon system power-up. The
CAT522’s internal power-on reset circuitry loads data
from non-volatile memory to the DPPs without using
the external clock.
As data transfers are edge triggered clean clock
transitions are necessary to avoid falsely clocking
data into the control registers. Standard CMOS and
TTL logic families work well in this regard and it is
recommended that any mechanical switches used for
breadboarding or device evaluation purposes be
debounced by a flip-flop or other suitable debouncing
circuit.
VREF
VREF, the voltage applied between pins VREFH & VREFL,
sets the DPP’s Zero to Full Scale output range where
VREFL = Zero and VREFH = Full Scale. VREF can span
the full power supply range or just a fraction of it. In
typical applications VREFH & VREFL are connected
across the power supply rails. When using less than
the full supply voltage be mindfull of the limits placed
on VREFH and VREFL as specified in the References
section of DC Electrical Characteristics.
READY/BUSY
¯¯¯¯¯
When saving data to non-volatile memory, the
Ready/Busy ouput (RDY/BSY
¯¯¯¯) signals the start and
duration of the erase/write cycle. Upon receiving a
command to store data (PROG goes high) RDY/BSY
¯¯¯¯
goes low and remains low until the programming cycle is
complete. During this time the CAT521 will ignore any
data appearing at DI and no data will be output on DO.
RDY/BSY
¯¯¯¯ is internally ANDed with a low voltage
detector circuit monitoring VDD. If VDD is below the
minimum value required for non-volatile programming,
RDY/BSY
¯¯¯¯ will remain high following the program
command indicating a failure to record the desired
data in non-volatile memory.
DATA OUTPUT
Data is output serially by the CAT522, LSB first, via
the Data Out (DO) pin following the reception of a
start bit and two address bits by the Data Input (DI).
DO becomes active whenever CS goes high and
resumes its high impedance Tri-State mode when CS
returns low. Tri-Stating the DO pin allows several
522s to share a single serial data line and simplifies
interfacing multiple 522s to a microprocessor.
WRITING TO MEMORY
Programming the CAT522’s non-volatile memory is
accomplished through the control signals: Chip Select
(CS) and Program (PROG). With CS high, a start bit
followed by a two bit DPP address and eight data bits
are clocked into the DPP wiper control register via the
DI pin. Data enters on the clock’s rising edge. The
DPP output changes to its new setting on the clock
cycle following D7, the last data bit.
Programming is accomplished by bringing PROG high
sometime after the start bit and at least 150 ns prior to
the rising edge of the clock cycle immediately following
the D7 bit. Two clock cycles after the D7 bit the DPP
wiper control register will be ready to receive the next
set of address and data bits. The clock must be kept
running throughout the programming cycle. Internal
control circuitry takes care of generating and ramping
up the programming voltage for data transfer to the
non-volatile cells. The CAT522’s non-volatile memory
cells will endure over 1,000,000 write cycles and will
retain data for a minimum of 100 years without being
refreshed.
Figure 1. Writing to Memory
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DPP DATA
CURRENT DPP DATA
CURRENT
DPP VALUE
NON-VOL ATILE
DPP
OUTPUT
PROG
DO
DI
CS
NEW
DPP VALUE
VOLATILE
NEW
DPP VALUE
NON-VOL ATILE
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
RDY/BSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com