Electronic Components Datasheet Search
  English  ▼

X  

05D Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 05D
Description  RoHS compliant & Halogen free
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

05D Datasheet(HTML) 4 Page - YAGEO Corporation

  05D Datasheet HTML 1Page - YAGEO Corporation 05D Datasheet HTML 2Page - YAGEO Corporation 05D Datasheet HTML 3Page - YAGEO Corporation 05D Datasheet HTML 4Page - YAGEO Corporation 05D Datasheet HTML 5Page - YAGEO Corporation 05D Datasheet HTML 6Page - YAGEO Corporation 05D Datasheet HTML 7Page - YAGEO Corporation 05D Datasheet HTML 8Page - YAGEO Corporation 05D Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
12
Product Specification
05D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
High
Surge
VAC(V)
VDC(V)
V1mA(V)
IP(A)
VC(V)
I (A)
Standard
I (A)
High
Surge
(J)
Standard
(J)
High
Surge
(W)
@1KHz (pf)
180KD05
180KD05J
11
14
18(15~21.6)
1
40
100
250
0.4
0.6
0.01
1400
220KD05
220KD05J
14
18
22(19.5~26)
1
48
100
250
0.5
0.7
0.01
1150
270KD05
270KD05J
17
22
27(24~31)
1
60
100
250
0.6
0.9
0.01
930
330KD05
330KD05J
20
26
33(29.5~36.5)
1
73
100
250
0.8
1.1
0.01
760
390KD05
390KD05J
25
31
39(35~43)
1
80
100
250
0.9
1.2
0.01
640
470KD05
470KD05J
30
38
47(42~52)
1
104
100
250
1.1
1.5
0.01
530
560KD05
560KD05J
35
45
56(50~62)
1
123
100
250
1.3
1.8
0.01
450
680KD05
680KD05J
40
56
68(61~75)
1
145
100
250
1.6
2.2
0.01
370
820KD05
820KD05J
50
65
82(74~90)
5
150
400
800
2.5
4.0
0.1
300
101KD05
101KD05J
60
85
100(90~110)
5
177
400
800
3.0
4.1
0.1
250
121KD05
121KD05J
75
100
120(108~132)
5
210
400
800
4.0
4.9
0.1
210
151KD05
151KD05J
95
125
150(135~165)
5
260
400
800
4.1
6.5
0.1
165
181KD05
181KD05J
115
150
180(162~198)
5
320
400
800
4.9
7.5
0.1
140
201KD05
201KD05J
130
170
200(180~220)
5
355
400
800
6.5
8.5
0.1
125
221KD05
221KD05J
140
180
220(198~242)
5
380
400
800
7.5
9.0
0.1
110
241KD05
241KD05J
150
200
240(216~264)
5
415
400
800
8.0
10.5
0.1
100
271KD05
271KD05J
175
225
270(243~297)
5
475
400
800
8.5
11.0
0.1
95
301KD05
301KD05J
190
250
300(270~330)
5
520
400
800
9.0
12.0
0.1
85
331KD05
331KD05J
210
275
330(297~363)
5
570
400
800
9.5
13.0
0.1
75
361KD05
361KD05J
230
300
360(324~396)
5
620
400
800
10.0
16.0
0.1
70
391KD05
391KD05J
250
320
390(351~429)
5
675
400
800
12.0
17.0
0.1
65
431KD05
431KD05J
275
350
430(387~473)
5
745
400
800
13.0
20.0
0.1
60
471KD05
471KD05J
300
385
470(423~517)
5
810
400
800
15.0
21.0
0.1
55
511KD05
511KD05J
320
415
510(459~561)
5
845
400
800
16.0
22.5
0.1
50
561KD05
561KD05J
350
460
560(504~616)
5
920
400
800
16.8
24.0
0.1
45
621KD05
621KD05J
385
505
620(558~682)
5
1025
400
800
17.7
25.0
0.1
40
681KD05
681KD05J
420
560
680(612~748)
5
1120
400
800
21.0
29.0
0.1
35
751KD05
751KD05J
460
615
750(675~825)
5
1240
400
800
22.4
32.0
0.1
30
Notes: 1. The tolerance of varistor voltage between 18V and 27V is more than 10%.
2. Leakage Current (@83% of V1mA):IR≤50μA (180K~680K)
IR
≤25μA (820K~751K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com