Electronic Components Datasheet Search
  English  ▼

X  

20D Datasheet(PDF) 13 Page - YAGEO Corporation

Part # 20D
Description  RoHS compliant & Halogen free
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

20D Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button 20D Datasheet HTML 6Page - YAGEO Corporation 20D Datasheet HTML 7Page - YAGEO Corporation 20D Datasheet HTML 8Page - YAGEO Corporation 20D Datasheet HTML 9Page - YAGEO Corporation 20D Datasheet HTML 10Page - YAGEO Corporation 20D Datasheet HTML 11Page - YAGEO Corporation 20D Datasheet HTML 12Page - YAGEO Corporation 20D Datasheet HTML 13Page - YAGEO Corporation 20D Datasheet HTML 14Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
14
Product Specification
20D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Apr. 11, 2022 V.0
Quantit
Packaging Dimensions (Unit: mm)
Quantity
In bulk for Terminals Trimmed Products
252 Max.
66 Max.
250pcs/bag
2bags/box
(180K~301K)
200pcs/bag
2bags/box
(331K~561K)
150pcs/bag
2bags/box
(621K~112K)
100pcs/bag
2bags/box
(122K~182K)
Packaging Dimensions (Unit: mm)
Quantity
Tape & Box & P0=12.7mm
340 Max.
60 Max.
400pcs/box
(180K~301K)
300pcs/box
(331K~561K)
Tape & Reel & P0=12.7mm
365 Max.
60 Max.
30±1
Φ365 Max.
55 Max.
400pcs/box
(180K~301K)
300pcs/box
(331K~561K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com