Electronic Components Datasheet Search
  English  ▼

X  

2SA1774EB Datasheet(PDF) 1 Page - Rohm

Part # 2SA1774EB
Description  General Purpose Transistor (-50V, -150mA)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1774EB Datasheet(HTML) 1 Page - Rohm

  2SA1774EB Datasheet HTML 1Page - Rohm 2SA1774EB Datasheet HTML 2Page - Rohm 2SA1774EB Datasheet HTML 3Page - Rohm 2SA1774EB Datasheet HTML 4Page - Rohm 2SA1774EB Datasheet HTML 5Page - Rohm 2SA1774EB Datasheet HTML 6Page - Rohm 2SA1774EB Datasheet HTML 7Page - Rohm 2SA1774EB Datasheet HTML 8Page - Rohm 2SA1774EB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2SA2029 / 2SA1774EB / 2SA1774E3
2SA1576UB / 2SA1576U3 / 2SA1037AK
General Purpose Transistor (-50V, -150mA)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCEO
-50V
 
 
 
 
IC
-150mA
2SA2029
2SA1774EB
(VMT3)
(EMT3F)
l
lFeatures
SOT-416
SOT-323FL
1)Excellent hFE linearity.
2)Complements the 2SC5658/2SC4617EB/
 
2SC4617E3/2SC4081UB/2SC4081U3/2SC2412K
 
 
 
 
2SA1774E3
2SA1576UB
(EMT3)
(UMT3F)
l
lApplication
SOT-323
SOT-346
GENERAL PURPOSE SMALL SIGNAL
AMPLIFIER
 
 
 
 
2SA1576U3
2SA1037AK
(UMT3)
(SMT3)
l
lInner circuit
2SA2029/2SA1774EB/2SA1576UB
2SA1774E3/2SA1576U3/2SA1037AK
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Quantity
(pcs)
hFE
rank
Marking
2SA2029
SOT-723
1212
T2L
180
8
8000
QR
F
2SA1774EB
SOT-416FL
1616
TL
180
8
3000
QR
F
2SA1774E3
SOT-416
1616
TL
180
8
3000
QR
F
2SA1576UB
SOT-323FL
2021
TL
180
8
3000
QR
F
2SA1576U3
SOT-323
2021
T106
180
8
3000
QR
F
2SA1037AK
SOT-346
2928
T146
180
8
3000
QR
F
                                                                                         
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
1/9
20221201 - Rev.005


Similar Part No. - 2SA1774EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1774EB ROHM-2SA1774EB Datasheet
77Kb / 4P
General Purpose Transistor
2SA1774EB ROHM-2SA1774EB Datasheet
88Kb / 4P
General Purpose Transistor
2SA1774EB ROHM-2SA1774EB Datasheet
167Kb / 3P
General Purpose Transistor (50V, 0.15A)
2SA1774EB ROHM-2SA1774EB Datasheet
646Kb / 13P
PNP -150mA -50V General Purpose Transistors
2SA1774EB ROHM-2SA1774EB Datasheet
2Mb / 16P
General Purpose Transistor (-50V, -150mA)
More results

Similar Description - 2SA1774EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
PNP -150mA -50V General Purpose Transistors
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
General Purpose Transistor (-50V, -150mA)
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
General purpose small signal amplifier(50V, 150mA)
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
General purpose Transistor (50V, 150mA)
20221201 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com