Electronic Components Datasheet Search
  English  ▼

X  

CAT661 Datasheet(PDF) 17 Page - Catalyst Semiconductor

Part # CAT661
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661 Datasheet(HTML) 17 Page - Catalyst Semiconductor

Back Button CAT661 Datasheet HTML 9Page - Catalyst Semiconductor CAT661 Datasheet HTML 10Page - Catalyst Semiconductor CAT661 Datasheet HTML 11Page - Catalyst Semiconductor CAT661 Datasheet HTML 12Page - Catalyst Semiconductor CAT661 Datasheet HTML 13Page - Catalyst Semiconductor CAT661 Datasheet HTML 14Page - Catalyst Semiconductor CAT661 Datasheet HTML 15Page - Catalyst Semiconductor CAT661 Datasheet HTML 16Page - Catalyst Semiconductor CAT661 Datasheet HTML 17Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Date
Rev.
Reason
10/15/03
G
Updated Description - eliminated Commercial temperature range
10/27/04
H
Minor changes throughout data sheet
1/20/2005
I
Changed ordering information for CAT661EXA to CAT661EVA
Changed ordering information for CAT661EXA-TE13 to CAT661EVA-TE13
04/22/2005
J
Removed Preliminary Information from data sheet header
11/16/2007
K
Update Features and Description
Update Package Outline Drawings and remove TDFN
Add Example of Ordering Information
Add Ordering Part Number
Add "MD-" to document number
Catalyst Semiconductor, Inc.
Corporate Headquarters
2975 Stender Way
Santa Clara, CA 95054
Phone: 408.542.1000
Fax: 408.542.1200
www.catsemi.com
Publication #:
MD-5003
Revison:
K
Issue date:
11/16/07
REVISION HISTORY
Copyrights, Trademarks and Patents
© Catalyst Semiconductor, Inc.
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
Adaptive Analog™, Beyond Memory™, DPP™, EZDim™, LDD™, MiniPot™, Quad-Mode™ and Quantum Charge Programmable™
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a
situation where personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets
labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate
typical semiconductor applications and may not be complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com