Electronic Components Datasheet Search
  English  ▼

X  

CAT705 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT705 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT705 Datasheet HTML 3Page - Catalyst Semiconductor CAT705 Datasheet HTML 4Page - Catalyst Semiconductor CAT705 Datasheet HTML 5Page - Catalyst Semiconductor CAT705 Datasheet HTML 6Page - Catalyst Semiconductor CAT705 Datasheet HTML 7Page - Catalyst Semiconductor CAT705 Datasheet HTML 8Page - Catalyst Semiconductor CAT705 Datasheet HTML 9Page - Catalyst Semiconductor CAT705 Datasheet HTML 10Page - Catalyst Semiconductor CAT705 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT705, CAT706, CAT813
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3030, Rev. A
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
PROCESSOR RESET
The CAT705, CAT706 & CAT813 detect supply
voltage (VCC) conditions that are below the specified
voltage trip value (VRST) and provide a reset output to
maintain correct system operation. On power-up,
RESET
¯¯¯¯¯¯ (or RESET for the CAT813) are kept active for
a minimum delay tRP of 140ms after the supply voltage
(VCC) rises above VRST to allow the power supply and
processor to stabilize. When VCC drops below the
voltage trip value (VRST), the reset output signals
RESET
¯¯¯¯¯¯ (or RESET) are pulled active. RESET
¯¯¯¯¯¯ (or
RESET) is specifically designed to provide the reset
input signals for processors. This provides reliable
and consistent operation as power is turned on, off or
during brownout conditions by maintaining the
processor operation in known conditions.
MANUAL RESET
The CAT705, CAT706 & CAT813 each have a Manual
Reset (MR
¯¯¯) input to allow for alternative control of the
reset outputs. The MR
¯¯¯ input is designed for direct
connection to a pushbutton (see Figure 1). The MR
¯¯¯
input is internally pulled up by 52kΩ resistor and must
be pulled low to cause the reset outputs to go active.
Internally, this input is debounced and timed such that
RESET
¯¯¯¯¯¯ (or RESET) signals of at least 140ms
minimum will be generated. The min 140ms tRP delay
commences as the Manual Reset input is released
from the low level. (see Figure 2)
WDO
PFO
VCC
WDI
GND
PFI
MR
RESET/RESET
CAT705
CAT706
CAT813
Figure 1. Pushbutton RESET
Figure 2. Timing Diagram – Pushbutton RESET
VIL
VIH
VOH
tRP
tPDLY
tPB
VOL
RESET
RESET
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com