Electronic Components Datasheet Search
  English  ▼

X  

CAT661EVA Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT661EVA
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661EVA Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT661EVA Datasheet HTML 8Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 9Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 10Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 11Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 12Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 13Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 14Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 15Page - Catalyst Semiconductor CAT661EVA Datasheet HTML 16Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CAT661
12
Doc. No. MD-5003, Rev. K
BATTERY VOLTAGE SPLITTER
Positive and negative voltages that track each other can be obtained from a battery. Figure 11 shows how a 9V battery
can provide symmetrical positive and negative voltages equal to one-half the battery voltage.
CASCADE OPERATION FOR HIGHER NEGATIVE VOLTAGES
The CAT661 can be cascaded as shown in figure 12 to generate more negative voltage levels. The output resistance
is approximately the sum of the individual CAT661 output resistance.
VOUT= -N x VIN, where N represents the number of cascaded devices.
Figure 11: Battery Splitter
Figure 12: Cascading to Increase Output Voltage
+
-
(-4.5V)
1
2
3
4
8
7
6
5
CAT661
+
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
+
(4.5V)
3V < VBAT < 11V
VBAT
9V
BATTERY
VBAT
2
VBAT
2
+
C2
2
3
4
8
5
CAT661
"1"
+
C1
+
CAT661
"N"
2
3
4
8
5
C1N
+VIN
+
C2
VOUT = -NVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com