Electronic Components Datasheet Search
  English  ▼

X  

DFR0627 Datasheet(PDF) 16 Page - DFROBOT

Part # DFR0627
Description  Gravity: IIC to dual UART module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0627 Datasheet(HTML) 16 Page - DFROBOT

Back Button DFR0627 Datasheet HTML 8Page - DFROBOT DFR0627 Datasheet HTML 9Page - DFROBOT DFR0627 Datasheet HTML 10Page - DFROBOT DFR0627 Datasheet HTML 11Page - DFROBOT DFR0627 Datasheet HTML 12Page - DFROBOT DFR0627 Datasheet HTML 13Page - DFROBOT DFR0627 Datasheet HTML 14Page - DFROBOT DFR0627 Datasheet HTML 15Page - DFROBOT DFR0627 Datasheet HTML 16Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
2023/10/12 10:51
Gravity: IIC to dual UART module Wiki - DFRobot
https://wiki.dfrobot.com/Gravity: IIC to Dual UART Module SKU: DFR0627
16/16
. The module does not work when everything is fine, what should I do?
Check whether all the DIP switches are at the position of "1", when it still does not work after you switched them to 1 already, reset the
module by connecting the pinSRT to pin-(negative) for 3s or you can try powering off the module and restart the program.
For any questions, advice or cool ideas to share, please visit the DFRobot Forum (https://www.dfrobot.com/forum)
More Documents
Schematics Diagram (https://dfimg.dfrobot.com/nobody/wiki/3646cb26e392103672637b458d4995a3.pdf)
Dimension Diagram (https://dfimg.dfrobot.com/nobody/wiki/53761bd39b49eda1cd3ae0e30c99aba1.pdf)
Get Gravity: IIC to Dual UART Module (https://www.dfrobot.com/product-2001.html) from DFRobot Store or DFRobot Distributor.
(https://www.dfrobot.com/distributor)
Turn to the Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com