Electronic Components Datasheet Search
  English  ▼

X  

DFR0650 Datasheet(PDF) 15 Page - DFROBOT

Part # DFR0650
Description  SKU:DFR0650
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0650 Datasheet(HTML) 15 Page - DFROBOT

Back Button DFR0650 Datasheet HTML 11Page - DFROBOT DFR0650 Datasheet HTML 12Page - DFROBOT DFR0650 Datasheet HTML 13Page - DFROBOT DFR0650 Datasheet HTML 14Page - DFROBOT DFR0650 Datasheet HTML 15Page - DFROBOT DFR0650 Datasheet HTML 16Page - DFROBOT DFR0650 Datasheet HTML 17Page - DFROBOT DFR0650 Datasheet HTML 18Page - DFROBOT DFR0650 Datasheet HTML 19Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
2023/10/12 10:58
DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650
15/25
@param
Just connect the DC pin (pins are optional)
*
*/
U8G2_SSD1306_128X64_NONAME_F_HW_I2C u8g2(/* rotation=*/U8G2_R0, /* reset=*/ U8X8_PIN_NONE);
//
M0/ESP32/ESP8266/mega2560/Uno/Leonard
//U8G2_SSD1306_128X64_NONAME_1_4W_HW_SPI u8g2(/* rotation=*/U8G2_R0, /* cs=*/ 10, /* dc=*/ 9);
//width:30,height:30
const uint8_t col[] U8X8_PROGMEM= {0x00,0xc0,0x00,0x00,0x00,0xe0,0x01,0x00,0x00,0xe0,0x01,0x00,0x00,
0xc0,0x00,0x00,0x00,0xc0,0x00,0x00,0x00,0xc0,0x00,0x00,0x00,0xe0,
0x01,0x00,0x00,0xf8,0x07,0x00,0x06,0xfe,0x1f,0x18,0x07,0xff,0x3f,
0x38,0xdf,0xff,0xff,0x3e,0xfa,0xff,0xff,0x17,0xf0,0xff,0xff,0x03,
0xe0,0xff,0xff,0x01,0xe0,0xff,0xff,0x01,0xe0,0xff,0xff,0x01,0xe0,
0xff,0xff,0x01,0x20,0x00,0x00,0x01,0xa0,0xff,0x7f,0x01,0xa0,0x01,
0x60,0x01,0x20,0x07,0x38,0x01,0xe0,0x0c,0xcc,0x01,0xe0,0x39,0xe7,
0x01,0xe0,0xe7,0xf9,0x01,0xc0,0x1f,0xfe,0x00,0x80,0xff,0x7f,0x00,
0x00,0xfe,0x1f,0x00,0x00,0xf8,0x07,0x00,0x00,0xe0,0x01,0x00,0x00,
0xc0,0x00,0x00};
void setup() {
u8g2.begin();
u8g2.setFontPosTop();/**When you use drawStr to display strings, the default criteria is to display the lower-left
* coordinates of the characters.The function can be understood as changing the coordinate position to the upper left
* corner of the display string as the coordinate standard.*/
}
void Rotation() {
u8g2.setFont(u8g2_font_bracketedbabies_tr
);
u8g2.firstPage();
do {
u8g2.drawXBMP( /* x=*/0 , /* y=*/0 , /* width=*/30 , /* height=*/30 , col );//Draw an image
/*@brief Set the drawing direction of all strings or glyphs setFontDirection(uint8_t dir)
*@param dir=0
dir=1, rotate 0°
dir=2, rotate 180°
dir=3, rotate 270°
*/
u8g2.setFontDirection(0);
u8g2 drawStr( /* x=*/64 /* y=*/32
" DFR");
//Draw a string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com