Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties & Wire Markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 5 Page - PANDUIT CORP.

  PRT2S-C Datasheet HTML 1Page - PANDUIT CORP. PRT2S-C Datasheet HTML 2Page - PANDUIT CORP. PRT2S-C Datasheet HTML 3Page - PANDUIT CORP. PRT2S-C Datasheet HTML 4Page - PANDUIT CORP. PRT2S-C Datasheet HTML 5Page - PANDUIT CORP. PRT2S-C Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Cable Ties & Wire Markers | Wire Markers
Pre-Printed Wire Marker Books
• Convenient, pocket-sized book
• Full size markers are perforated and can be torn into half size markers for both
ends of conductors
• Terminal block markers are included to properly identify connectors
• Ten pages of markers per book
• Pre-printed black on white vinyl-cloth, adhesive back markers
• Temperature Range: -50° to 170°F
• Marker sizes:
Full size marker – 0.22" x 1.38". Maximum wire O.D., 0.38"
Half size marker – 0.22" x 0.69". Maximum wire O.D., 0.19"
Terminal block marker – 0.22" x 0.25"
• Indoor/outdoor rated conformable label can be removed and reused
• Durable, temperature-resistant, and dimensionally stable for rough,
textured surfaces
• Resists oil and abrasions
Part No.
Markers
Total Markers
Each Legend
PCMB-1
0 thru 9
45
PCMB-2
A thru Z, 0 thru 15, +, -, /
10
PCMB-3
1 thru 45
10
PCMB-4
1, 2, 3
150
PCMB-5
A, B, C
150
PCMB-6
T1, T2, T3
150
PCMB-7
L1, L2, L3
150
PCMB-8
1 thru 15
16 thru 90
A thru Z, +, -, /, 0
6
4
2
PCMB-12
A thru Z
+
-
Blank (write-on)
15
8
7
21
PCMB-13
+, -, AC, DC
POS, NEG, GND
NEUT
SPARE, Blank (write-on)
45
21
21
21
PCMB-16
0 thru 33, A, B, C, +, -, L1, L2, L3, T1, T2, T3
10
PCMB-25
0 thru 9
L1, L2, L3, T1, T2, T3
45
15
Pre-Printed Wire/Cable Marker Tape Dispenser
• Flexible polyester marker tape conforms tightly to wires/cables
• Dispenser allows marker tape to be cut to the exact length required for marking any
size wire/cable
• Durable plastic dispenser can be attached to tool belt for industrial use
• Character height is 0.11"
• Pre-printed black on white, adhesive-back polyester
• Indoor/outdoor rated is resistant to UV light, chemicals, and abrasions
• Excellent long lasting adhesion properties
• Temperature Range: -40° to 250°F
Part No.
Description
PMD-0-9
Dispenser filled with one 8-ft. roll each number 0 thru 9
PMDR-0-9
Replacement refill rolls set for PMD-0-9,
one 8-ft. roll each number 0 thru 9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com