Electronic Components Datasheet Search
  English  ▼

X  

AD4006 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4006
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4006 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4006 Datasheet HTML 31Page - Analog Devices AD4006 Datasheet HTML 32Page - Analog Devices AD4006 Datasheet HTML 33Page - Analog Devices AD4006 Datasheet HTML 34Page - Analog Devices AD4006 Datasheet HTML 35Page - Analog Devices AD4006 Datasheet HTML 36Page - Analog Devices AD4006 Datasheet HTML 37Page - Analog Devices AD4006 Datasheet HTML 38Page - Analog Devices AD4006 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 39 of 39
ORDERING GUIDE
Model1, 2
Integral
Nonlinearity (INL)
Temperature
Range
Package Description
Ordering
Quantity
Package
Option
Marking
Codes
AD4002BRMZ
±3.2 LSB
−40°C to +125°C
10-Lead MSOP, Tube
50
RM-10
C8E
AD4002BRMZ-RL7
±3.2 LSB
−40°C to +125°C
10-Lead MSOP, Reel
1000
RM-10
C8E
AD4002BCPZ-RL7
±3.2 LSB
−40°C to +125°C
10-Lead LFCSP, Reel
1500
CP-10-9
C8E
AD4006BRMZ
±3.2 LSB
−40°C to +125°C
10-Lead MSOP, Tube
50
RM-10
C8Q
AD4006BRMZ-RL7
±3.2 LSB
−40°C to +125°C
10-Lead MSOP, Reel
1000
RM-10
C8Q
AD4006BCPZ-RL7
±3.2 LSB
−40°C to +125°C
10-Lead LFCSP, Reel
1500
CP-10-9
C8Q
AD4010BCPZ-RL7
±3.2 LSB
−40°C to +125°C
10-Lead LFCSP, Reel
1500
CP-10-9
C8U
EVAL-AD4002FMCZ
AD4002 Evaluation Board
compatible with EVAL-SDP-CH1Z
1 Z = RoHS Compliant Part.
2 The EVAL-AD4002FMCZ can also be used to evaluate the AD4006 and AD4010 by limiting the throughput to 1 MSPS and 500 kSPS in its software, respectively (see UG-1042).
©2018–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16233-
2/21(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com