Electronic Components Datasheet Search
  English  ▼

X  

AD5273 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5273
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273 Datasheet(HTML) 3 Page - Analog Devices

  AD5273 Datasheet HTML 1Page - Analog Devices AD5273 Datasheet HTML 2Page - Analog Devices AD5273 Datasheet HTML 3Page - Analog Devices AD5273 Datasheet HTML 4Page - Analog Devices AD5273 Datasheet HTML 5Page - Analog Devices AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5273
Rev. J | Page 3 of 20
12/04—Rev. C to Rev. D
Updated Format.................................................................. Universal
Changes to Specifications.................................................................3
Changes to Theory of Operation Section ....................................13
Changes to Power Supply Consideration Section.......................15
Changes to Figure 35, Figure 36, and Figure 37..........................15
11/03—Rev. B to Rev. C
Changes to SDA Bit Definitions and Descriptions.....................10
Changes to One-Time Programming (OTP) Section ................11
Changes to Table III ........................................................................11
Changes to Power Supply Considerations ...................................13
Changes to Figure 8, Figure 9, and Figure 10..............................13
10/03—Rev. A to Rev. B
Changes to Features ..........................................................................1
Changes to Applications...................................................................1
Changes to Specifications.................................................................2
Changes to Absolute Maximum Ratings........................................4
Changes to Pin Function Descriptions...........................................5
Changes to TPC 7, TPC 8, TPC 13, and TPC 14 Captions .........7
Deleted TPC 20; Renumbered Successive TPCs...........................9
Change to TPC 21 Caption..............................................................9
Change to the SDA Bit Definitions and Descriptions................10
Replaced Theory of Operation Section........................................11
Replaced Determining the Variable Resistance and
Voltage Section ................................................................................11
Replaced ESD Protection Section .................................................12
Replaced Terminal Voltage Operating Range Section ...............12
Replaced Power-Up Sequence Section.........................................12
Replaced Power Supply Considerations Section.........................13
Changes to Application Section ....................................................16
Change to Equation 9 .....................................................................17
Deleted Digital Potentiometer Family Selection Guide.............19
6/03—Rev. 0 to Rev. A
Change to Specifications ..................................................................2
Change to Power Supply Considerations Section.......................12
Updated Outline Dimensions........................................................20
12/02—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com