Electronic Components Datasheet Search
  English  ▼

X  

HMC451LC3 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC451LC3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC451LC3 Datasheet(HTML) 4 Page - Analog Devices

  HMC451LC3 Datasheet HTML 1Page - Analog Devices HMC451LC3 Datasheet HTML 2Page - Analog Devices HMC451LC3 Datasheet HTML 3Page - Analog Devices HMC451LC3 Datasheet HTML 4Page - Analog Devices HMC451LC3 Datasheet HTML 5Page - Analog Devices HMC451LC3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
4
HMC451LC3
v07.0118
Gaas PHEMT MMIC MEDIUM
POWER aMPLIFIER, 5 - 20 GHz
Outline Drawing
absolute Maximum Ratings
Drain Bias Voltage (Vdd
1 = Vdd2)
+5.5 Vdc
RF Input Power (RFIN)(Vdd = +5Vdc)
+10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T = 85 °C)
(derate 12.4 mW/°C above 85 °C)
1.1 W
Thermal Resistance
(channel to ground paddle)
80 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A, passed 250V
Vdd
1 = Vdd2 (V)
Idd
1 = Idd2 (mA)
+4.5
111
+5.0
114
+5.5
116
Note: Amplifier will operate over full voltage range shown above
Typical supply Current vs. Vdd
1 = Vdd2
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Package Information
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [2]
HMC451LC3
Alumina, White
Gold over Nickel
MSL3
[1]
H451
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
16-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-16-1)
Dimensions shown in millimeters.
TOP VIEW
SIDE VIEW
PIN 1
INDICATOR
3.05
2.90 SQ
2.75
EXPOSED
PAD
0.36
0.30
0.24
1.60
1.50 SQ
1.40
1
0.50
BSC
BOTTOM VIEW
16
5
8
9
12
13
4
0.08
BSC
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1.50
REF
2.10 BSC
SEATING
PLANE
0.32
BSC
PIN 1
0.90
0.80
0.70
16-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-16-1)
Dimensions shown in millimeters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com