Electronic Components Datasheet Search
  English  ▼

X  

TM1A Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # TM1A
Description  Adhesive Mounts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TM1A Datasheet(HTML) 6 Page - PANDUIT CORP.

  TM1A Datasheet HTML 1Page - PANDUIT CORP. TM1A Datasheet HTML 2Page - PANDUIT CORP. TM1A Datasheet HTML 3Page - PANDUIT CORP. TM1A Datasheet HTML 4Page - PANDUIT CORP. TM1A Datasheet HTML 5Page - PANDUIT CORP. TM1A Datasheet HTML 6Page - PANDUIT CORP. TM1A Datasheet HTML 7Page - PANDUIT CORP. TM1A Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ELECTRICAL GROUP
Selection and Use of Adhesive Mounts
Part
Number
Overall
Dimensions
L" x W" x H" (mm)
Adhesive
Type
Used
with
Cable
Tie*
Maximum
Static
Load
lb. (g)**
Normal
Service
Temp. °F
(°C)
Range
Recommended
Installation
Temp.
°F (°C)
Dwell
Time
(Hrs.)
Mount
Material
Screw
Hole
Size
U.L.
Recognized
LWC38-A
1.0 X 1.0 X .56
(25.4 X 25.4 X 14.2)
Rubber Tape
—
.50 (227)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
—Yes
LWC50-A
1.0 X 1.25 X .67
(25.4 X 31.8 X 17.6)
Rubber Tape
—
.63 (284)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
—Yes
LWC75-A
1.232 x 1.476 x .91
(31.3 x 37.4 x 23.1)
Rubber Tape
—
.93 (417)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
—Yes
LWC100-A
1.98 x 2.225 x 1.26
(50.3 x 56.5 x 32.0)
Rubber Tape
—
2.25 (1020)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
—Yes
MACC25-A
0.77 X .054 X 0.40
(19.5 X 13.6 X 10.2)
Rubber Tape
—
.19 (86)
-20 to 120
(-29 to 49)
70 (21)
2
Zinc
Plated Steel
—Yes
MACC62-A
1.18 X 0.78 X 0.75
(30.0 X 19.7 X 19.0)
Rubber Tape
—
.44 (200)
-20 to 120
(-29 to 49)
70 (21)
2
Zinc
Plated Steel
—Yes
SMS-A
2.0 X 1.0 X .35
(50.8 X 25.4 X 8.9)
Rubber Tape
†S
1 (454)
-20 to 120
(-29 to 49)
70 (21)
2
White
ABS
2 @ #6
(M3)
Yes
TM1A
.51 x .33 x .23
(12.8 x 8.3 x 5.8)
User Supplied
M
DEPENDS ON ADHESIVE
SELECTED BY USER
Natural
Nylon
—Yes
TM2A
.59 x .38 x .27
(14.9 x 9.5 x 6.9)
User Supplied
M, I, S
Natural
Nylon
—Yes
TM3A
.88 x .63 x .38
(22.2 x 15.9 x 9.7)
User Supplied
M, I,
S, H
Natural
Nylon
—Yes
VCC25-A
1.0 x .5 x .44
(25.4 x 12.7 x 11.2)
Rubber Tape
—
.25 (113)
-20 to 120
(-29 to 49)
70 (21)
2
Natural
Nylon
—Yes
*Tie Cross Section: M = Miniature
I = Intermediate
S = Standard
LH = Light Heavy
H = Heavy
**Static load is stated at 70° F (21°C). Static load at temperature minimums and maximums will be reduced.
†Use with PLT/PRT1.5S or PLT/PRT2S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com