Electronic Components Datasheet Search
  English  ▼

X  

PT100 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # PT100
Description  Industrial Pt100 probe with Terminal Head,Extension& replaceable insert
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

PT100 Datasheet(HTML) 1 Page - Labfacility Ltd

  PT100 Datasheet HTML 1Page - Labfacility Ltd PT100 Datasheet HTML 2Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Pt100 probe with Terminal Head,Extension& replaceable insert
Heavy duty Pt100 probe with an aluminium terminal head,lagging extension and
optional,replaceable insert.
Specifications
Sensor Type
Pt100, class B, 4 wire to IEC 60751
Probe material
316 stainless steel, welded tip,6mm x 150mm
Extension
12.5mm diameter x 75mm
Process connection
1/2 inchBSP,stainless steel thread
Optional insert
Replaceable,spring loaded insert
Tip temperature
Rating
-50
oC to +450oC
Terminal Head
Aluminium with captive, threaded cover housing a DIN terminal block
Assembly rating
IP67
Cable entry
M20 cable gland
Probe dia(mm)
Probe length (mm)
Farnell code
Lab code
6
150
7088449
010008TD
Data Ref: FAR 30A


Similar Part No. - PT100

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
PT100 ZIEHL-PT100 Datasheet
269Kb / 1P
Pt 100-Temperature-Relay Type TR111V
logo
Baumer IVO GmbH & Co. K...
PT100 IVO-PT100 Datasheet
60Kb / 4P
Cable Sensor, Pt100/Pt1000
logo
List of Unclassifed Man...
PT100 ETC-PT100 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
logo
Alfatronix Ltd
PT100 ALFATRONIX-PT100 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
PT100 ALFATRONIX-PT100 Datasheet
106Kb / 2P
Solid State Battery GuardS
More results

Similar Description - PT100

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
5689A POMONA-5689A Datasheet
49Kb / 1P
Replaceable Tip Test Probe With Banana Jack
5950A POMONA-5950A Datasheet
39Kb / 1P
Test Probe Set Replaceable Tip
5951A POMONA-5951A Datasheet
38Kb / 1P
Test Probe Set Replaceable Tip
6341 POMONA-6341 Datasheet
147Kb / 2P
Replaceable Tip Precision Electronic Probe
6477 POMONA-6477 Datasheet
42Kb / 1P
Replaceable Tip Test Probe Set
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
PHOENIX CONTACT
2906918 PHOENIX-2906918 Datasheet
79Kb / 4P
Extension module - PLC-ASC-PT100-IN
09/12/2020
2906919 PHOENIX-2906919 Datasheet
79Kb / 4P
Extension module - PLC-APT-PT100-IN
09/12/2020
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com