Electronic Components Datasheet Search
  English  ▼

X  

DMA240YA1600NA Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DMA240YA1600NA
Description  Standard Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DMA240YA1600NA Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DMA240YA1600NA Datasheet HTML 1Page - Inchange Semiconductor Company Limited DMA240YA1600NA Datasheet HTML 2Page - Inchange Semiconductor Company Limited DMA240YA1600NA Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6167
eq DMA240YA1600NA
D
Standard Rectifier
www.iscsemi.com
1
DESCRIPTION
·
Very low leakage current
·
Very low forward voltage drop
·
Improved thermal behaviour
APPLICATIONS
·
Diode for main rectification
·
For single and three phase bridge configurations
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRSM
Max. non-repetitive reverse blocking voltage,TVJ=25℃
1700
V
VRRM
Max. repetitive reverse blocking voltage,TVJ=25℃
1600
V
IDAV
bridge output current,TC=100℃,rectangular d=1/3,TVJ=150℃
240
A
IFSM
max. forward surge current
t=10ms,(50Hz),sine,TVJ=45℃
1.30
kA
t=8.3ms,(60Hz),sine,VR=0V
1.41
kA
I2t
value for fusing
t=10ms,(50Hz),sine,TVJ=45℃
8.45
KA2S
t=8.3ms,(60Hz),sine,VR=0V
8.21
KA2S
IRMS
RMS current---per terminal
150
A
Ptot
Total power dissipation,TC=25℃
355
W
Rth j-c
Thermal Resistance,Junction to Case
0.35
℃
/W
TVJ
virtual junction temperature
-40~150
℃
TOP
operation temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~150
℃
Visol
Insulation voltage, t = 1min,50/60Hz,RMS,IISOL≤1mA
2500
V


Similar Part No. - DMA240YA1600NA

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMA240YC1600NA ISC-DMA240YC1600NA Datasheet
598Kb / 3P
Standard Rectifier
More results

Similar Description - DMA240YA1600NA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA10P1600PZ IXYS-DMA10P1600PZ Datasheet
140Kb / 5P
Standard Rectifier
DSI30-12AS IXYS-DSI30-12AS Datasheet
140Kb / 5P
Standard Rectifier
DMA10IM1200UZ IXYS-DMA10IM1200UZ Datasheet
195Kb / 5P
Standard Rectifier
DMA50P1200HR IXYS-DMA50P1200HR Datasheet
403Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
DSP45-12AZ IXYS-DSP45-12AZ Datasheet
142Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA50P1600HB IXYS-DMA50P1600HB Datasheet
355Kb / 5P
Standard Rectifier
DSI30-16A IXYS-DSI30-16A Datasheet
323Kb / 5P
Standard Rectifier
DSP45-16AZ IXYS-DSP45-16AZ Datasheet
142Kb / 5P
Standard Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com