Electronic Components Datasheet Search
  English  ▼

X  

RF05VAM2S Datasheet(PDF) 5 Page - Rohm

Part # RF05VAM2S
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VAM2S Datasheet(HTML) 5 Page - Rohm

  RF05VAM2S Datasheet HTML 1Page - Rohm RF05VAM2S Datasheet HTML 2Page - Rohm RF05VAM2S Datasheet HTML 3Page - Rohm RF05VAM2S Datasheet HTML 4Page - Rohm RF05VAM2S Datasheet HTML 5Page - Rohm RF05VAM2S Datasheet HTML 6Page - Rohm RF05VAM2S Datasheet HTML 7Page - Rohm RF05VAM2S Datasheet HTML 8Page - Rohm RF05VAM2S Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
3/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
Operation Procedure
1
Necessary Equipment
(1) AC power supply (90 Vac to 264 Vac, 100 W or more)
(2) Load equipment (5 A at maximum value)
(3) DC voltmeter
(4) Wattmeter
(5) 5V power supply (10 mA)
2
Connect to Each Equipment
(1) Connect a measuring instrument to Figure 3 reference as each power supply OFF.
(2) Set the AC power supply to 90 Vac to 264 Vac, and power supply ON.
(3) In the case of electronic load, load sets it between 0 A to 2A, and power supply ON.
(4) The DC voltmeter of the output connects with directly outputting it, and confirm the voltage.
(5) Connect STBY pin and GND pin to DC power supply. and apply +5V. The output voltage is 24V.
The output voltage becomes 7.5V when it is 0V. Set the input voltage of the STBY pin on less than +-8V.
Figure 3. Diagram of How to Connect
CN1-2 AC (N)
CN1-2 AC (L)
AC Power supply
Load
Power Meter
DC Meter
DC supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com