Electronic Components Datasheet Search
  English  ▼

X  

RF2001T2DNZ Datasheet(PDF) 11 Page - Rohm

Part # RF2001T2DNZ
Description  Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 11 Page - Rohm

Back Button RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm RF2001T2DNZ Datasheet HTML 9Page - Rohm RF2001T2DNZ Datasheet HTML 10Page - Rohm RF2001T2DNZ Datasheet HTML 11Page - Rohm RF2001T2DNZ Datasheet HTML 12Page - Rohm RF2001T2DNZ Datasheet HTML 13Page - Rohm RF2001T2DNZ Datasheet HTML 14Page - Rohm RF2001T2DNZ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
9/18
User
’s Guide
BM1P10CFJ-EVK-001
© 2020 ROHM Co., Ltd.
No. 63UG022E Rev.001
2020.08
1
LA/ZT
FB
CS
GND
VH
VCC
OUT
2
3
4
7
6
5
(TOP VIEW)
BM1P10CFJ・General Description
Features
 AC Low Voltage Protection Function (AC UVLO)
 X Capacitor Discharge Function
 VCC Pin Low Voltage Protection (VCC UVLO)
 PWM Type Current Mode Control
 Frequency Reduction Function
 Burst Operation at Light Load
 Switching Function of Operation Modes
 Power Save Function
(Low Consumption Current at no load)
 Soft Start Function
 FB Pin Overload Protection Function (FB OLP)
 CS Pin Overload Protection Function (CS OLP)
 Switching Function of CS OLP Detection Voltage
 CS Pin Over Current Protection Function (CS OCP)
 CS Pin Leading Edge Blanking Function
 LA/ZT Pin Over Voltage Protection Function (ZT OVP)
 OUT Pin Gate Clamp Circuit
Pin Configuration
Key Specifications
 Operation Power Supply Voltage Range
VCC Pin Voltage:
9.3 V to 55.0 V
VH Pin Voltage:
650 V (Max)
 Current at Switching Operation:
0.70 mA (Typ)
 Current at Burst Operation
0.35 mA (Typ)
 Current at Power Save Operation
0.11 mA (Typ)
 Switching Frequency
100 kHz (Typ)
 Operation Temperature Range
-40 °C ~ +105 °C
Package
W (Typ) x D (Typ) x H (Max)
SOP-J7S
4.9 mm x 6.0 mm x 1.65 mm
Pitch:
1.27 mm (Typ)
Applications
OA
Equipment,
AC
Adapters,
Each
Household
Applications and Power Supplies for Motor
Pin Descriptions
No.
Pin Name
I/O
Function
1
LA/ZT
I
Monitor auxiliary winding / Latch stop pin
2
FB
I
Feedback signal input pin
3
CS
I
Primary current detection pin
4
GND
-
GND pin
5
OUT
O
External MOSFET drive pin
6
VCC
I
Power supply input pin
7
VH
I
Startup power supply input / AC input voltage monitor pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com