Electronic Components Datasheet Search
  English  ▼

X  

SHORT Datasheet(PDF) 6 Page - Rohm

Part # SHORT
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SHORT Datasheet(HTML) 6 Page - Rohm

Back Button SHORT Datasheet HTML 2Page - Rohm SHORT Datasheet HTML 3Page - Rohm SHORT Datasheet HTML 4Page - Rohm SHORT Datasheet HTML 5Page - Rohm SHORT Datasheet HTML 6Page - Rohm SHORT Datasheet HTML 7Page - Rohm SHORT Datasheet HTML 8Page - Rohm SHORT Datasheet HTML 9Page - Rohm SHORT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
4 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
Bill of Materials
Table 3. Bill of Materials
BM2P134E-EVK-001
Specifications
Parts name
Manufacture
Diode Bridge
BR1
1 A, 1000 V
DF10S
DIODES Inc
C1,C2
0.22 µF, 310 Vac
890334023028
WURTH ELECTRONIK
C3
NON MOUNTED
C4
47 μF, 450 V
UCY2W470MHD6TN
NICHICON
C5,C9
1000 pF, 100 V
HMK107B7102KA-T
TAIYO YUDEN
C6
NON MOUNTED
C7
4.7 μF, 50 V
UVZ1H4R7MDD1TD
NICHICON
C8
2200 pF, 630 V
GRM31A7U2J222JW31
MURATA
C10,C16
0.1 µF, 100 V
HMK107B7104KA-T
TAIYO YUDEN
C12
NON MOUNTED
C13
2200 pF, 300 V
DE1E3RA222MJ4BP01F
MURATA
C14
220 pF, 630 V
GRM31A5C2J221JW01D
MURATA
C15
1000 µF, 35 V
UPA1V102MPD
NICHICON
C17
NON MOUNTED
C18
NON MOUNTED
R24
10 µF, 35 V
GMK316AB7106ML-TR
TAIYO YUDEN
Connector
CON1,CON2
691213710002
WURTH ELECTRONIK
D3
FRD, 0.8 A, 700 V
RFN1LAM7S
ROHM
D4
FRD, 0.5 A, 200 V
RF05VAM2STR
ROHM
D5
SBD, 10 A, 150 V
RB088BGE150
ROHM
Fuse
F1
2 A, 300 V
36912000000
LITTELFUSE
PhotoCoupler
ISO1
LTV-817-B
LITEON
L1
20 mH
744823220
WURTH ELECTRONIK
L3
-
SHORT
-
-
Q1
NON MOUNTED
R1,R2,R3
560 kΩ
ESR18EZPJ564
ROHM
R4
NON MOUNTED
R5
NON MOUNTED
R6
NON MOUNTED
R8,R9
2.2 MΩ
ESR18EZPJ225
ROHM
R10
33 kΩ
MCR03EZPJ333
ROHM
R11
0.68 Ω
MCR100JZHFLR680
ROHM
R13
47 kΩ
ERG2SJ473E
PANASONIC
R14
10 Ω
MCR18EZPJ100
ROHM
R15
5.1 kΩ
MCR03EZPJ512
ROHM
R16
27 kΩ
ESR03EZPJ273
ROHM
R17
100 Ω
ESR18EZPJ101
ROHM
R18,R19
1 kΩ
MCR03EZPJ102
ROHM
R20
10 kΩ
MCR03EZPJ103
ROHM
R21
36 kΩ
MCR03EZPFX3602
ROHM
R22
5.6 kΩ
MCR03EZPFX5601
ROHM
R23
11 kΩ
MCR03EZPFX1102
ROHM
R25
NON MOUNTED
R26
NON MOUNTED
RV1
320 V, 1.2 KA, φ 7 mm
V07E320P
LITTELFUSE
Transformer
TR1
EE20/10/6
XE2436
ALPHA TRANS
U2
BM2P134E-Z
ROHM
U3
TL431BIDBZT
TI
IC
Item
Diode
Inductor
Capacitor
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com