Electronic Components Datasheet Search
  English  ▼

X  

01232011 Datasheet(PDF) 1 Page - ROSE Systemtechnik GmbH

Part # 01232011
Description  Aluminium Enclosure Standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

01232011 Datasheet(HTML) 1 Page - ROSE Systemtechnik GmbH

  01232011 Datasheet HTML 1Page - ROSE Systemtechnik GmbH 01232011 Datasheet HTML 2Page - ROSE Systemtechnik GmbH 01232011 Datasheet HTML 3Page - ROSE Systemtechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ROSE Systemtechnik GmbH
01232011
Aluminium Enclosure Standard
232 x 202 x 111 mm
Aluminium Enclosure Standard 232 x 202 x 111 mm
Technical data
Height
232 mm
Width
202 mm
Depth
111 mm
Material
Aluminium
Material quality
DIN EN 1706 EN AC-AlSi 12 (Fe)
Colour
Silver gray (RAL 7001)
Ingress protection
IP66
Degree of protection norm
EN 60529
Impact strength
IK09
temperature min.
-40 °C
temperature max.
90 °C
Seal material
PU (polyurethane) (standard)
Flame spread, sideways
HL 3
Rate of head dispersion
HL 3
Smoke gas concentration
HL 3
Other versions on request
EMV, SBG, SWB, SBGL
Special colours on request
TRUE
Approvals
Lloyd Register, Maritime Register, UL 508A
Catalogues
Declaration of Conformity
Drawing
3D Data
Assignmentplan
Terminal Mounting
1 / 3
https://www.rose-systemtechnik.com/en/rose-products/01232011


Similar Part No. - 01232011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0123201100 ETC2-0123201100 Datasheet
2Mb / 164P
Let RoseBopla be your partner for standard or customized enclosures.
0123201185 ETC2-0123201185 Datasheet
2Mb / 164P
Let RoseBopla be your partner for standard or customized enclosures.
0123201185 ETC2-0123201185 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 01232011

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7811080 FIBOX-7811080 Datasheet
443Kb / 2P
Enclosure, aluminium
11.01.2023
7811150 FIBOX-7811150 Datasheet
61Kb / 2P
Enclosure, aluminium
11.01.2023
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811230 FIBOX-7811230 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com