Electronic Components Datasheet Search
  English  ▼

X  

CAT3200 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT3200 Datasheet HTML 1Page - Catalyst Semiconductor CAT3200 Datasheet HTML 2Page - Catalyst Semiconductor CAT3200 Datasheet HTML 3Page - Catalyst Semiconductor CAT3200 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT3200/3200-5
2
Doc. No. MD-5002, Rev. L
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
ORDERING INFORMATION
6-lead Thin SOT23
CAT3200-5
1
2
3
6
5
4
OUT
GND
SHDN
CPOS
IN
CNEG
8-pin MSOP
1
2
3
4
8
7
6
5
CPOS
IN
CNEG
PGND
OUT
FB
SHDN
SGND
CAT3200
PIN DESCRIPTIONS
Designation
Description
OUT
Regulated output voltage.
GND
Ground reference for all voltages.
SHDN
Shutdown control logic input (Active LOW)
CNEG
Negative connection for the flying capacitor.
IN
Input power supply.
CPOS
Positive connection for the flying capacitor.
FB
Feedback to set the output voltage.
PGND
Power ground.
SGND
Signal ground.
r
e
b
m
u
N
t
r
a
Pe
g
a
t
l
o
V
t
u
p
t
u
Oe
g
a
k
c
a
Pg
n
i
k
r
a
M
e
g
a
k
c
a
P
y
t
i
t
n
a
u
Q
l
e
e
R
r
e
p
3
T
-
I
D
T
0
0
2
3
T
A
CV
5e
e
r
F
d
a
e
L
,
3
2
T
O
S
n
i
h
t
d
a
e
l
-
6N
L0
0
0
,
3
3
T
-
I
Z
0
0
2
3
T
A
Ce
l
b
a
t
s
u
j
d
Ae
e
r
F
d
a
e
L
,
P
O
S
M
d
a
e
l
-
8E
M
B
A0
0
0
,
3
3
T
G
-
I
Z
0
0
2
3
T
A
Ce
l
b
a
t
s
u
j
d
Au
A
d
P
i
N
,
P
O
S
M
d
a
e
l
-
8U
R
B
A0
0
0
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com