Electronic Components Datasheet Search
  English  ▼

X  

ILA-TIM-LEDIL-1A Datasheet(PDF) 3 Page - Intelligent LED Solutions

Part # ILA-TIM-LEDIL-1A
Description  Thermal Interface Material
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILA-TIM-LEDIL-1A Datasheet(HTML) 3 Page - Intelligent LED Solutions

  ILA-TIM-LEDIL-1A Datasheet HTML 1Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 2Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 3Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 4Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 5Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
3 of 5
© IGS Version V1
Product
Non Adhesive
Thickness*
Single Sided Adhesive
Thickness*
Double Sided Adhesive
Thickness*
SCOB LES 9
ILA-TIM-LES09-0A
0D
ILA-TIM-LES09-1A
0D
ILA-TIM-LES09-2A
0E
SCOB LES 13
ILA-TIM-LES13-0A
0D
ILA-TIM-LES13-1A
0D
ILA-TIM-LES13-2A
0E
SCOB LES 19
ILA-TIM-LES19-0A
0D
ILA-TIM-LES19-1A
0D
ILA-TIM-LES19-2A
0E
SCOB LES 23
ILA-TIM-LES23-0A
0D
ILA-TIM-LES23-1A
0D
ILA-TIM-LES23-2A
0E
SCPB LES 33
ILA-TIM-LES33-0A
0D
ILA-TIM-LES33-1A
0D
ILA-TIM-LES33-2A
0E
4 LED High Bay
ILA-TIM-HIGHBAY-65X50-0A
0D
ILA-TIM-HIGHBAY-65X50-
1A
0D
ILA-TIM-HIGHBAY-65X50-
2A
0E
12 LED High Bay
ILA-TIM-HB-172X87-0A
0D
ILA-TIM-HB-172X87-1A
0D
ILA-TIM-HB-172X87-2A
0E
LEDiL 70x70 Dev Board
ILA-TIM-LEDIL-70x70-0A
0D
ILA-TIM-LEDIL-70x70-1A
0C
ILA-TIM-LEDIL-70x70-2A
0E
LEDiL Dev Board
ILA-TIM-LEDIL-0A
0D
ILA-TIM-LEDIL-1A
0C
ILA-TIM-LEDIL-2A
0E
2 Die High Power Mixing
ILA-TIM-ILR-XM01-0A
0D
ILA-TIM-ILR-XM01-1A
0C
ILA-TIM-ILR-XM01-2A
0E
Florence
ILA-TIM-FLORENCE-280X55-
0A
0D
ILA-TIM-FLORENCE-
280X55- 1A
0C
ILA-TIM-FLORENCE-280X55-
2A
0E
Violet Strip
ILA-TIM-STRIP-275X20MM-
1A
*Thickness:
0C – TGON 805 – Thickness 0.005” (0.13mm) – Thermal Resistance @ 100psi (0.07 °C-in2 /W) – Thermal Resistance @ 681 KPa (0.42 °C-cm2/W)
0D – TGON 810 - Thickness 0.010” (0.25mm) - Thermal Resistance @ 100psi (0.10 °C-in2 /W) - Thermal resistance @ 681 KPa (0.66 °C-cm2 /W)
0E – TBOND 150 – Thickness 0.007” (0.16mm) – Thermal Resistance @ 100psi (0.45 °C-in2/W) - Thermal resistance @681 KPa (2.90 °C-cm2/W)
0F – 3M8805 – Thickness 005” (0.125mm) - Thermal Impedance (3.2°C cm2 /W)§ For further information on 3M8805 Please consult the datasheet for the
3m8805 from 3M
SINGLE SIDED AND NON ADHESIVE PRODUCTS
Construction & Composition
Flexible Graphite
Test Method
Color
Pewter
Visual
Thickness Tolerance
± 0.001" (± 0.025mm)
Density
2.20 g/cc
Helium Pycnometer
Hardness
85 Shore A
ASTM D2240
Tensile strength
650 psi
ASTM D412
Outgassing TML
0.15%
ASTM E595
Outgassing CVCM
0.09%
ASTM E595
UL Flammability rating
94 VO
Temperature range
-240°C to 300°C
Thermal conductivity - Z Axis
5 W/mK
ASTM D5470 (modified)
Thermal conductivity - XY Axis
240 W/mK
ASTM D5470 (modified)
Thermal resistance @ 100 psi
0.07 °C-in2/W
ASTM D5470 (modified)
Thermal resistance @ 681 Kpa
0.42 °C-cm2/W
ASTM D5470 (modified)
Volume resistivity (In-Plane)
11 x 10-5 ohm-cm
ASTM D257



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com