Electronic Components Datasheet Search
  English  ▼

X  

SC211-WIR200 Datasheet(PDF) 5 Page - Intelligent LED Solutions

Part # SC211-WIR200
Description  3 OSLON®80 PowerAnna PCB White
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

SC211-WIR200 Datasheet(HTML) 5 Page - Intelligent LED Solutions

  SC211-WIR200 Datasheet HTML 1Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 2Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 3Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 4Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 5Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 6Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.i-led.co.uk
Intelligent LED Solutions, 3 Clerewater Place, Lower Way, Thatcham, Berkshire RG19 3RF UK
Telephone : +44 (0)1635 294606 Fax : +44 (0)1635 869200 Email: info@i-led.co.uk www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
5
3 OSLON®80 PowerAnna PCB Power Supply Options
ILS has a comprehensive range of standard Power Supplies. The table below shows the total number of ILS products
each Power Supply can drive.
Additional Power Supplies are being introduced so please call us or check our website for the latest offering.
ILS Driver Part No.
Rating
Current
OSLON® SSL 80 Anna
IZC035-005F-0067C-QA
5
350mA
1
IZC035-008F-5065C-SA
8
350 mA
1-2
IZC070-008F-5065C-SA
8
700 mA
1
IZC035-017F-0067A-SA
17
350 mA
1-4
IZC035-018T-9500A-SA
18
350 mA dim
2-4
IZC050-018T-9500A-SA
18
500 mA dim
1-3
IZC070-018T-9500A-SA
18
700 mA dim
1-2
IZC035-035F-9067C-QA
35
350mA
5-8
IZC070-035F-0067C-SA
35
700 mA
1-4
IZC105-035F-9067C-QA
35
1050mA
2-3
IZC045-040A-9266C-SA
40
450 mA dim
4-6
IZC105-040A-0067C-QA
42
1050mA
3-4
IZC070-050A-9267C-SA
50
700 mA dim
2-6
IZC050-060F-9067C-QA
60
500 mA
5-10
IZC105-060F-9067C-QA
60
1050mA
3-5
IZC140-060F-9067C-QA
60
1400mA
3-4
IZC070-075A-9267C-SA
75
700 mA dim
6-10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com