Electronic Components Datasheet Search
  English  ▼

X  

979006 Datasheet(PDF) 2 Page - KNIPEX

Part # 979006
Description  Crimp Assortment For wire ferrules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

979006 Datasheet(HTML) 2 Page - KNIPEX

  979006 Datasheet HTML 1Page - KNIPEX 979006 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Content
200 x Wire ferrules with plastic collar 22 / 12 mm (10 mm²)
200 x Wire ferrules with plastic collar 24 / 12 mm (16 mm²)
technical change and errors excepted
Systainer® is a registered trademark of TANOS GmbH
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 2 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com