Electronic Components Datasheet Search
  English  ▼

X  

9799331 Datasheet(PDF) 1 Page - KNIPEX

Part # 9799331
Description  Wire ferrules with plastic collar 200 pieces each
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

9799331 Datasheet(HTML) 1 Page - KNIPEX

  9799331 Datasheet HTML 1Page - KNIPEX 9799331 Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
97 99 331
Wire ferrules with plastic collar
200 pieces each
DIN 46228-4: 2020-03
● Nominal size: 0.75 mm²
● Content: 200 pieces
● Colour: grey
● Insertion funnel made of polypropylene
● Heat resistant up to 105°C
● Material: E-Cu
● Surface electro tin plated
● Minimum coating thickness 3µm
General
Article No.
97 99 331
EAN
4003773076421
Standard
DIN 46228-4: 2020-03
Reach
no
RohS
no
Technical details
Cable
0.75 mm²
AWG
18
Colour
grey
L1
14 mm
L2
8 mm
d1
1.2 mm
d2
2.8 mm
S1
0.15 mm
S2
0.25 mm
Quantity
200
Insulation
PP
Material
Copper
surface
Tinned
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 9799331

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9799330 KNIPEX-9799330 Datasheet
115Kb / 2P
Wire ferrules with plastic collar 200 pieces each
05.07.2021
9799332 KNIPEX-9799332 Datasheet
117Kb / 2P
Wire ferrules with plastic collar 200 pieces each
05.07.2021
9799333 KNIPEX-9799333 Datasheet
117Kb / 2P
Wire ferrules with plastic collar 200 pieces each
05.07.2021
9799334 KNIPEX-9799334 Datasheet
117Kb / 2P
Wire ferrules with plastic collar 200 pieces each
05.07.2021
9799335 KNIPEX-9799335 Datasheet
116Kb / 2P
Wire ferrules with plastic collar 200 pieces each
05.07.2021
More results

Similar Description - 9799331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
103091 PHOENIX-103091 Datasheet
171Kb / 2P
Ferrules With Insulating Collar for Two Wires
3201916 PHOENIX-3201916 Datasheet
98Kb / 2P
Ferrules With Extra Large Insulating Collar
3201929 PHOENIX-3201929 Datasheet
98Kb / 2P
Ferrules With Extra Large Insulating Collar
3201932 PHOENIX-3201932 Datasheet
98Kb / 2P
Ferrules With Extra Large Insulating Collar
3201945 PHOENIX-3201945 Datasheet
98Kb / 2P
Ferrules With Extra Large Insulating Collar
3201974 PHOENIX-3201974 Datasheet
98Kb / 2P
Ferrules With Extra Large Insulating Collar
3202478 PHOENIX-3202478 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3202481 PHOENIX-3202481 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3202504 PHOENIX-3202504 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3202520 PHOENIX-3202520 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com