Electronic Components Datasheet Search
  English  ▼

X  

AD8599-EP Datasheet(PDF) 1 Page - Analog Devices

Part # AD8599-EP
Description  Dual, Ultralow Distortion, Ultralow Noise Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599-EP Datasheet(HTML) 1 Page - Analog Devices

  AD8599-EP Datasheet HTML 1Page - Analog Devices AD8599-EP Datasheet HTML 2Page - Analog Devices AD8599-EP Datasheet HTML 3Page - Analog Devices AD8599-EP Datasheet HTML 4Page - Analog Devices AD8599-EP Datasheet HTML 5Page - Analog Devices AD8599-EP Datasheet HTML 6Page - Analog Devices AD8599-EP Datasheet HTML 7Page - Analog Devices AD8599-EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual, Ultralow Distortion,
Ultralow Noise Op Amp
Enhanced Product
AD8599-EP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low voltage noise density: 1.15 nV/√Hz at 1 kHz
Low distortion: −120 dB total harmonic distortion plus noise
(THD + N) at 1 kHz
Peak-to-peak noise: 76 nV p-p at 0.1 Hz to 10 Hz
Slew rate: 15 V/μs at VSY = ±15 V
Wide gain bandwidth product: 10 MHz
Supply current per amplifier: 5.0 mA typical at VSY = ±15 V
Low offset voltage: 10 μV typical at VSY = ±15 V
Common-mode rejection ratio (CMRR): 120 dB minimum
Unity-gain stable
Dual-supply operation: ±15 V
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Extended temperature range: −55°C to +125°C
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
Professional audio preamplifiers
ATE/precision testers
Imaging systems
Medical/physiological measurements
Precision detectors/instruments
Precision data conversions
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
–V 4
+V
8
OUT B
7
–IN B
6
+IN B
5
AD8599-EP
TOP VIEW
(Not to Scale)
Figure 1.
GENERAL DESCRIPTION
The AD8599-EP is a very low noise, low distortion op amp ideal
for use as a preamplifier. The low noise of 1.15 nV/√Hz and low
harmonic distortion of −120 dB (or better) at audio bandwidths
give the AD8599-EP the wide dynamic range necessary for
preamplifiers in audio, medical, and instrumentation
applications. The excellent slew rate of 15 V/μs and 10 MHz
gain bandwidth product make the AD8599-EP highly suitable
for medical applications. The low distortion and fast settling
time make the AD8599-EP ideal for buffering high resolution
data converters.
The AD8599-EP is available in an 8-lead SOIC package. It is
specified over a −55°C to +125°C temperature range.
Additional application and technical information can be found
in the AD8599 data sheet.


Similar Part No. - AD8599-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD8599 AD-AD8599 Datasheet
546Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD8599 AD-AD8599 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8599 AD-AD8599 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8599 AD-AD8599 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
More results

Similar Description - AD8599-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com