Electronic Components Datasheet Search
  English  ▼

X  

AD8210 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8210
Description  Analog Devices Wiki
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8210 Datasheet HTML 5Page - Analog Devices AD8210 Datasheet HTML 6Page - Analog Devices AD8210 Datasheet HTML 7Page - Analog Devices AD8210 Datasheet HTML 8Page - Analog Devices AD8210 Datasheet HTML 9Page - Analog Devices AD8210 Datasheet HTML 10Page - Analog Devices AD8210 Datasheet HTML 11Page - Analog Devices AD8210 Datasheet HTML 12Page - Analog Devices AD8210 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
7/12/22, 4:48 PM
ADALP2000 Product Description [Analog Devices Wiki]
https://wiki.analog.com/university/tools/adalp2000/parts-index
11/13
Picture
Part Number
Description
Link
(/_detail/university/tools/adalp2000/qsd123.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
QSD123
Infrared Photo
Transistor T-1
Datasheet [http://www.farnell.com/datasheets/2287891.pdf?_ga=2.82348242.530811853.1512498769-
1244595445.1499795945&_gac=1.48374674.1512498769.EAIaIQobChMIzqjJ98Dz1wIV2bjACh0P8AkVEAYYASABEg
(/_detail/university/tools/adalp2000/1n914.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
1N3064
Small Signal
Diode DO-35
Link
Datasheet [https://www.mouser.com/datasheet/2/149/1n3064-284013.pdf]
(/_detail/university/tools/adalp2000/1n4001.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
1N4001
50V General
Purpose
Rectifier DO-
204 Link
Datasheet [http://www.vishay.com/docs/88503/1n4001.pdf]
(/_detail/university/tools/adalp2000/1n914.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
1N4735 (or 1N4729)
6.2V (or 3.6V)
Zener Diode
DO-41 Link
Datasheet [http://www.vishay.com/docs/85816/1n4728a.pdf]
Note that the diodes can be difficult to identify. This circuit
can be used to identify the Zener diode and determine
whether it is the 3.6V or 6.2V model.
(/_detail/university/tools/adalp2000/zener_test.png?
id=university%3Atools%3Aadalp2000%3Aparts-
index)
Set V (volt)-/V
(volt)+ to
-5V/+5V (or
use a benchtop
supply set to
10V.) The Zener
diode will read
~6.2 (or ~3.6V)
from 1- to 1+, a
silicon or
Schottky diode
will read 10V.
(/_detail/university/tools/adalp2000/1n914.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
1N914
Small Signal
Diode DO-35
Link
Datasheet [https://www.vishay.com/docs/85622/1n914.pdf]
(/_detail/university/tools/adalp2000/qsc114.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
OP999
Photodiode T-
1¾
Datasheet [https://datasheet.octopart.com/OP999-TT-datasheet-7274670.pdf]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com