Electronic Components Datasheet Search
  English  ▼

X  

ADF4106 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 1 Page - Analog Devices

  ADF4106 Datasheet HTML 1Page - Analog Devices ADF4106 Datasheet HTML 2Page - Analog Devices ADF4106 Datasheet HTML 3Page - Analog Devices ADF4106 Datasheet HTML 4Page - Analog Devices ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PLL Frequency Synthesizer
Data Sheet
ADF4106
FEATURES
6.0 GHz bandwidth
2.7 V to 3.3 V power supply
Separate charge pump supply (VP) allows extended
tuning voltage in 3 V systems
Programmable dual-modulus prescaler
8/9, 16/17, 32/33, 64/65
Programmable charge pump currents
Programmable antibacklash pulse width
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode
APPLICATIONS
Broadband wireless access
Satellite systems
Instrumentation
Wireless LANS
Base stations for wireless radios
GENERAL DESCRIPTION
The ADF4106 frequency synthesizer can be used to implement
local oscillators in the up-conversion and down-conversion
sections of wireless receivers and transmitters. It consists of a
low noise, digital phase frequency detector (PFD), a precision
charge pump, a programmable reference divider, programmable
A counter and B counter, and a dual-modulus prescaler (P/P + 1).
The A (6-bit) counter and B (13-bit) counter, in conjunction
with the dual-modulus prescaler (P/P + 1), implement an N
divider (N = BP + A). In addition, the 14-bit reference counter
(R Counter) allows selectable REFIN frequencies at the PFD
input. A complete phase-locked loop (PLL) can be implemented
if the synthesizer is used with an external loop filter and voltage
controlled oscillator (VCO). Its very high bandwidth means
that frequency doublers can be eliminated in many high
frequency systems, simplifying system architecture and
reducing cost.
FUNCTIONAL BLOCK DIAGRAM
CLK
DATA
LE
REFIN
RFINA
RFINB
24-BIT INPUT
REGISTER
SDOUT
AVDD
DVDD
CE
AGND
DGND
14-BIT
R COUNTER
R COUNTER
LATCH
22
14
FUNCTION
LATCH
A, B COUNTER
LATCH
FROM
FUNCTION
LATCH
PRESCALER
P/P + 1
N = BP + A
LOAD
LOAD
13-BIT
B COUNTER
6-BIT
A COUNTER
6
19
13
M3 M2 M1
MUX
SDOUT
AVDD
HIGH Z
MUXOUT
CPGND
RSET
VP
CP
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
REFERENCE
CHARGE
PUMP
CURRENT
SETTING 1
ADF4106
CPI3 CPI2 CPI1
CPI6 CPI5 CPI4
CURRENT
SETTING 2
Figure 1.
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2001–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADF4106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
PLL Frequency Synthesizer
REV.0
ADF4106BCP AD-ADF4106BCP Datasheet
228Kb / 20P
PLL Frequency Synthesizer
REV.0
ADF4106BCPZ AD-ADF4106BCPZ Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4106BCPZ AD-ADF4106BCPZ Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4106BCPZ-R7 AD-ADF4106BCPZ-R7 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4106

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com