Electronic Components Datasheet Search
  English  ▼

X  

ADG658 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG658 Datasheet HTML 9Page - Analog Devices ADG658 Datasheet HTML 10Page - Analog Devices ADG658 Datasheet HTML 11Page - Analog Devices ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices ADG658 Datasheet HTML 15Page - Analog Devices ADG658 Datasheet HTML 16Page - Analog Devices ADG658 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADG658/ADG659
Rev. D | Page 13 of 20
0.5
–0.5
–1.5
–2.5
1.5
0
–1.0
–2.0
1.0
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VDD = +5V
VSS = 0V
VD = ±4V
VS = 1V
VDD = +3V
VSS = 0V
VD = ±2.4V
VS = 1V
IS (OFF)
ID (OFF)
IS, ID (ON)
Figure 10. Leakage Current vs. Temperature (Single Supply)
–4
12
8
4
0
–5
–3
–1
1
3
5
10
6
2
–2
14
–4
–2
0
2
4
VS (V)
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
T
A = 25°C
Figure 11. Charge Injection vs. Source Voltage
100
60
20
140
80
40
0
120
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
VDD = +5V
VSS = –5V
tON
tOFF
Figure 12. tON/tOFF Times vs. Temperature (Dual Supply)
300
200
100
250
150
0
350
–40
–20
0
100
120
50
TEMPERATURE (°C)
20
40
60
80
VSS = 0V
tON
tOFF
VDD = 3V
VDD = 3V
VDD = 5V
VDD = 5V
Figure 13. tON/tOFF Times vs. Temperature (Single Supply)
100k
1M
10M
100M
–9
–11
–13
0
–10
–12
–15
–7
–14
FREQUENCY (Hz)
–8
–6
–4
–5
–3
–1
–2
VDD = +5V
VSS = –5V
TA = 25°C
Figure 14. ON Response vs. Frequency (ADG658)
100k
1M
10M
100M
–12
–16
–20
0
–14
–18
–24
–8
–22
FREQUENCY (Hz)
–10
–6
–2
–4
VDD = +5V
VSS = –5V
TA = 25°C
Figure 15. ON Response vs. Frequency (ADG659)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com