Electronic Components Datasheet Search
  English  ▼

X  

AD22100 Datasheet(PDF) 9 Page - Analog Devices

Part # AD22100
Description  Analog Devices Wiki
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22100 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD22100 Datasheet HTML 5Page - Analog Devices AD22100 Datasheet HTML 6Page - Analog Devices AD22100 Datasheet HTML 7Page - Analog Devices AD22100 Datasheet HTML 8Page - Analog Devices AD22100 Datasheet HTML 9Page - Analog Devices AD22100 Datasheet HTML 10Page - Analog Devices AD22100 Datasheet HTML 11Page - Analog Devices AD22100 Datasheet HTML 12Page - Analog Devices AD22100 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
7/12/22, 4:48 PM
ADALP2000 Product Description [Analog Devices Wiki]
https://wiki.analog.com/university/tools/adalp2000/parts-index
9/13
Picture
Part Number
Description
Link
(/_detail/university/tools/adalp2000/microphone.png?
id=university%3Atools%3Aadalp2000%3Aparts-index)
HCM9765-P11-453
Microphone
Datasheet (/_media/university/tools/adalp2000/hcm9765-p11-453.pdf)
(/_detail/university/tools/adalp2000/speaker_front.png?
id=university%3Atools%3Aadalp2000%3Aparts-index)
Speaker
8 Ω Speaker
(/_detail/university/tools/adalp2000/thermister.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
B57164K103J
10 kΩ
Thermistor
5mm lead
coated disk
Datasheet [https://eu.mouser.com/datasheet/2/400/NTC_Leaded_disks_K164-1317145.pdf]
(/_detail/university/tools/adalp2000/power-res.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
SQP10AJB-6R2
6.2 Ω 10W
Power Resistor
Axial Cement
Link
Datasheet [https://www.yageo.com/upload/media/product/productsearch/datasheet/lr/Yageo_LR_SQP_NSP_1.pdf]
(/_detail/university/tools/adalp2000/pots.png?
id=university%3Atools%3Aadalp2000%3Aparts-index)
* 3386C-1-502LF
* 3386C-1-103LF
* 3386C-1-503LF
* Single Turn 5
kΩ
Potentiometer
* Single Turn 10
kΩ
Potentiometer
* Single Turn 50
kΩ
Potentiometer
Datasheet [https://www.bourns.com/pdfs/3386.pdf]
(/_detail/university/tools/adalp2000/transistor.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
2N3904
NPN General
Purpose
Transistor TO-
92 Link
Marking:
2N3904
Datasheet [https://www.onsemi.com/pub/Collateral/2N3903-D.PDF]
(/_detail/university/tools/adalp2000/transistor.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
2N3906
PNP General
Purpose
Transistor TO-
92 Link
Marking:
2N3906
Datasheet [https://www.onsemi.com/pub/Collateral/2N3906-D.PDF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com