Electronic Components Datasheet Search
  English  ▼

X  

982501SL Datasheet(PDF) 1 Page - KNIPEX

Part # 982501SL
Description  Screwdriver (Slim) for cross-recessed screws Pozidriv®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

982501SL Datasheet(HTML) 1 Page - KNIPEX

  982501SL Datasheet HTML 1Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
98 25 01 SL
Screwdriver (Slim) for cross-recessed
screws
Pozidriv®
IEC 60900 DIN EN 60900
● Reduced blade isolation diameter for recessed spring and screw
elements
● Ergonomically optimised dual component handle for fatigue reduced
work and optimum transmission of force
● Handle design prevents rolling
● Chrome vanadium molybdenum steel
General
Article No.
98 25 01 SL
EAN
4003773079774
point
burnished
Handles
insulating multi-component handle, VDE-tested
Weight
56 g
Dimensions
187 x 28 x 30 mm
Standard
DIN EN 60900 IEC 60900
Reach
no
RohS
no
Technical details
Size
PZ1
Blade length
80 mm
Handle length
107 mm
Length of non-insulated blade
15 mm
VDE tested
yes
Classification
eCl@ss 5.1.4
21040401
ETIM 5.0
EC000144
ETIM 6.0
EC000144
proficl@ss 6.0
AAA818c006
UNSPSC 13.1
27111701
technical change and errors excepted
Pozidriv® is a registered trademark of European Ind. Serv. Ltd.
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 1


Similar Part No. - 982501SL

ManufacturerPart #DatasheetDescription
logo
KNIPEX
982501SLS KNIPEX-982501SLS Datasheet
119Kb / 2P
(Slim) PlusMinus screwdriver Pozidriv®
05.07.2021
More results

Similar Description - 982501SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
2035 Screwdriver for slotted screws
MS04050006081FA ETC2-MS04050006081FA Datasheet
704Kb / 1P
pozidriv cross recessed pan head machine screws
logo
PHOENIX CONTACT
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PHSL-1-80-S-VDE PHOENIX-SF-PHSL-1-80-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
logo
List of Unclassifed Man...
BN82428 ETC-BN82428 Datasheet
137Kb / 2P
Pozi pan head screws with cross recess Pozidriv type Z
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com