Electronic Components Datasheet Search
  English  ▼

X  

982502SLS Datasheet(PDF) 1 Page - KNIPEX

Part # 982502SLS
Description  (Slim) PlusMinus screwdriver Pozidriv®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX

982502SLS Datasheet(HTML) 1 Page - KNIPEX

  982502SLS Datasheet HTML 1Page - KNIPEX 982502SLS Datasheet HTML 2Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product information
98 25 02 SLS
(Slim) PlusMinus screwdriver
Pozidriv®
IEC 60900 DIN EN 60900
● Driving tips for PlusMinus profile screws
● Use with electronics installation components, e.g. automatic circuit
breakers
● Reduced blade isolation diameter for recessed spring and screw
elements
● Ergonomically optimised dual component handle for fatigue reduced
work and optimum transmission of force
● Handle design prevents rolling
● Chrome vanadium molybdenum steel
General
Article No.
98 25 02 SLS
EAN
4003773081067
point
burnished
Handles
insulating multi-component handle, VDE-tested
Weight
89 g
Dimensions
212 x 33 x 35 mm
Standard
DIN EN 60900 IEC 60900
Reach
no
RohS
no
Technical details
Size
PZ/S 2
Blade length
100 mm
Handle length
118 mm
Length of non-insulated blade
18 mm
VDE tested
yes
Classification
eCl@ss 5.1.4
21040401
ETIM 5.0
EC000144
ETIM 6.0
EC000144
proficl@ss 6.0
AAA818c006
UNSPSC 13.1
27111701
technical change and errors excepted
Pozidriv® is a registered trademark of European Ind. Serv. Ltd.
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 1 2


Similar Part No. - 982502SLS

ManufacturerPart #DatasheetDescription
logo
KNIPEX
982500 KNIPEX-982500 Datasheet
102Kb / 1P
Screwdriver for cross recessed screws Pozidriv®
05.07.2021
982501SL KNIPEX-982501SL Datasheet
103Kb / 1P
Screwdriver (Slim) for cross-recessed screws Pozidriv®
05.07.2021
982501SLS KNIPEX-982501SLS Datasheet
119Kb / 2P
(Slim) PlusMinus screwdriver Pozidriv®
05.07.2021
More results

Similar Description - 982502SLS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
logo
Advantech Co., Ltd.
DS-066 ADVANTECH-DS-066 Datasheet
646Kb / 2P
Intel® Celeron® J1900 Quad-Core Ultra-slim Fanless Digital Signage Player
13-Sep-2022
logo
BCM Advanced Research.
NUC-APL-SLIM BCM-NUC-APL-SLIM Datasheet
370Kb / 1P
Intel® Celeron® J3455 Processor Apollo Lake Fanless NUC Slim System
2021/09/14
NUC-TGU BCM-NUC-TGU Datasheet
1Mb / 2P
11th Gen Intel® Tiger Lake UP3 Fanless NUC Slim System
12/08/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com