Electronic Components Datasheet Search
  English  ▼

X  

LBN07404 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN07404
Description  74MHz SAW Filter 7MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07404 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN07404 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07404 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07404 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07404
Rev. Date
2007-1-23
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
74MHz SAW Filter
7MHz Bandwidth
Part Number: LBN07404
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
73.9
74
74.1
Insertion Loss
dB
-
24.6
26
1 dB Bandwidth
MHz
7
7.1
-
3 dB Bandwidth
MHz
-
7.46
-
40 dB Bandwidth
MHz
-
8.8
-
50 dB Bandwidth
MHz
-
8.93
9
Passband Variation(f0±3.5MHz)
dB
-
0.6
0.8
Absolute Delay
usec
-
2.34
-
Phase Linearity(f0±3.5MHz)
deg
-
4
6
Group Delay Variation(f0±3.5MHz)
nsec
-
70
120
Ultimate Rejection
dB
54
60
-
Material Temperature coefficient
KHz/°C
-6.068
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
5.Measurement of Group Delay without smoothing.
Matching Configuration
C1=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN07404

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07404 SIPAT-LBN07404 Datasheet
144Kb / 3P
74MHz SAW Filter
More results

Similar Description - LBN07404

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7025 SIPAT-LBN7025 Datasheet
290Kb / 3P
70MHz SAW Filter 7MHz Bandwidth
LBN07403 SIPAT-LBN07403 Datasheet
274Kb / 3P
74MHz SAW Filter 8MHz Bandwidth
LBS07405 SIPAT-LBS07405 Datasheet
138Kb / 3P
74MHz SAW Filter 4MHz Bandwidth
LB140DS38 SIPAT-LB140DS38 Datasheet
153Kb / 3P
140MHz SAW Filter 7MHz Bandwidth
LBT140A20 SIPAT-LBT140A20 Datasheet
130Kb / 3P
140MHz SAW Filter 7MHz Bandwidth
LBT09030 SIPAT-LBT09030 Datasheet
141Kb / 3P
90MHz SAW Filter 7MHz Bandwidth
LBN10710 SIPAT-LBN10710 Datasheet
194Kb / 3P
107MHz SAW Filter 7MHz Bandwidth
LBS07405 SIPAT-LBS07405 Datasheet
143Kb / 3P
74MHz SAW Filter 4MHz Bandwidth
LBS16503 SIPAT-LBS16503 Datasheet
156Kb / 4P
165.5MHz SAW Filter 7MHz Bandwidth
LBT16502 SIPAT-LBT16502 Datasheet
144Kb / 3P
165.5MHz SAW Filter 7MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com