Electronic Components Datasheet Search
  English  ▼

X  

ADG5423 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5423
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5423 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5423 Datasheet HTML 9Page - Analog Devices ADG5423 Datasheet HTML 10Page - Analog Devices ADG5423 Datasheet HTML 11Page - Analog Devices ADG5423 Datasheet HTML 12Page - Analog Devices ADG5423 Datasheet HTML 13Page - Analog Devices ADG5423 Datasheet HTML 14Page - Analog Devices ADG5423 Datasheet HTML 15Page - Analog Devices ADG5423 Datasheet HTML 16Page - Analog Devices ADG5423 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADG5421/ADG5423
TEST CIRCUITS
Figure 23. On Leakage
Figure 24. Off Leakage
Figure 25. On Resistance
Figure 26. Off Isolation
Figure 27. THD + Noise
Figure 28. Bandwidth
Sx
NC
NC = NO CONNECT
Dx
A
VD
ID (ON)
Sx
Dx
VS
A
A
VD
IS (OFF)
ID (OFF)
IDS
Sx
RON = V ÷ IDS
Dx
VS
V
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
INx
VIN
Sx
Dx
50Ω
OFF ISOLATION = 20 log
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
VOUT
RS
AUDIO PRECISION
RL
1kΩ
INx
VIN
Sx
Dx
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
INx
VIN
Sx
Dx
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Rev. A | Page 13 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com