Electronic Components Datasheet Search
  English  ▼

X  

ADP150 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP150
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP150 Datasheet HTML 10Page - Analog Devices ADP150 Datasheet HTML 11Page - Analog Devices ADP150 Datasheet HTML 12Page - Analog Devices ADP150 Datasheet HTML 13Page - Analog Devices ADP150 Datasheet HTML 14Page - Analog Devices ADP150 Datasheet HTML 15Page - Analog Devices ADP150 Datasheet HTML 16Page - Analog Devices ADP150 Datasheet HTML 17Page - Analog Devices ADP150 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet
ADP150
APPLICATIONS INFORMATION
analog.com
Rev. E | 14 of 20
Consider the case where a hard short from VOUT to GND occurs.
At first, the ADP150 limits current so that only 260 mA is conducted
into the short. If self-heating of the junction is great enough to
cause its temperature to rise above 150°C, thermal shutdown
activates, turning off the output and reducing the output current to
zero. As the junction temperature cools and drops below 135°C,
the output turns on and conducts 260 mA into the short, again
causing the junction temperature to rise above 150°C. This thermal
oscillation between 135°C and 150°C causes a current oscillation
between 260 mA and 0 mA that continues as long as the short
remains at the output.
Current and thermal limit protections are intended to protect the de-
vice against accidental overload conditions. For reliable operation,
device power dissipation must be externally limited so that the
junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
In most applications, the ADP150 does not dissipate much heat
due to its high efficiency. However, in applications with high ambient
temperature and high supply voltage to output voltage differential,
the heat dissipated in the package is large enough that it can cause
the junction temperature of the die to exceed the maximum junction
temperature of 125°C.
When the junction temperature exceeds 150°C, the converter en-
ters thermal shutdown. It recovers only after the junction tempera-
ture decreases below 135°C to prevent any permanent damage.
Therefore, thermal analysis for the chosen application is very
important to guarantee reliable performance over all conditions.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 2.
To guarantee reliable operation, the junction temperature of the
ADP150 must not exceed 125°C. To ensure that the junction
temperature stays below 125°C, be aware of the parameters that
contribute to the junction temperature changes. These parameters
include ambient temperature, power dissipation in the power de-
vice, and thermal resistances between the junction and ambient
air (θJA). The θJA number is dependent on the package assembly
compounds that are used and the amount of copper used to solder
the package GND pins to the PCB. Table 7 shows typical θJA
values of the 5-lead TSOT and 4-ball WLCSP packages for various
PCB copper sizes. Table 8 shows the typical ΨJB value of the
5-lead TSOT and 4-ball WLCSP.
Table 7. Typical θJA Values
Copper Size (mm2)
θJA (°C/W)
TSOT
WLCSP
01
170
260
50
152
159
100
146
157
300
134
153
Table 7. Typical θJA Values (Continued)
Copper Size (mm2)
θJA (°C/W)
TSOT
WLCSP
500
131
151
1 Device soldered to minimum size pin traces.
Table 8. Typical ΨJB Values
ΨJB (°C/W)
TSOT
WLCSP
42.8
58.4
Use Equation 2 to calculate the junction temperature.
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are input and output voltages, respectively.
Power dissipation due to ground current is quite small and can be
ignored. Therefore, the junction temperature equation simplifies to
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(3)
As shown in the previous equation, for a given ambient temper-
ature, input-to-output voltage differential, and continuous load cur-
rent, there exists a minimum copper size requirement for the PCB
to ensure that the junction temperature does not rise above 125°C.
Figure 33 to Figure 46 show the junction temperature calculations
for the different ambient temperatures, load currents, VIN-to-VOUT
differentials, and areas of PCB copper.
Figure 33. TSOT, 500 mm2 of PCB Copper, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com