Electronic Components Datasheet Search
  English  ▼

X  

ADP197 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP197
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP197 Datasheet HTML 3Page - Analog Devices ADP197 Datasheet HTML 4Page - Analog Devices ADP197 Datasheet HTML 5Page - Analog Devices ADP197 Datasheet HTML 6Page - Analog Devices ADP197 Datasheet HTML 7Page - Analog Devices ADP197 Datasheet HTML 8Page - Analog Devices ADP197 Datasheet HTML 9Page - Analog Devices ADP197 Datasheet HTML 10Page - Analog Devices ADP197 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADP197
Rev. C | Page 7 of 13
0
5
10
15
20
25
30
35
40
45
50
–40
–5
25
65
85
TEMPERATURE (°C)
100mA
200mA
500mA
1000mA
3000mA
Figure 11. Ground Current vs. Temperature, Different Load Currents,
VIN = 4.2 V
0
5
10
15
20
25
30
35
40
45
50
–40
–5
25
65
85
TEMPERATURE (°C)
100mA
200mA
500mA
1000mA
3000mA
Figure 12. Ground Current vs. Temperature, Different Load Currents,
VIN = 5.5 V
0
5
10
15
20
25
30
35
40
45
50
10
100
1000
10000
LOAD CURRENT (mA)
1.8V
1.9V
2.5V
3.0V
3.4V
3.8V
4.2V
4.6V
5.0V
5.5V
Figure 13. Ground Current vs. Load Current, Different Input Voltages (VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
1.8V
1.9V
2.5V
3.0V
3.4V
3.8V
4.2V
4.6V
5.0V
5.5V
Figure 14. IGND Shutdown Current vs. Temperature, Output Open,
Different Input Voltages (VIN)
TEMPERATURE (°C)
0.01
0.1
1
10
–40
–20
0
20
40
60
80
100
1.8V
1.9V
2.5V
3.0V
3.4V
3.8V
4.2V
4.6V
5.0V
5.5V
Figure 15. IGND Shutdown Current vs. Temperature, VOUT = 0 V,
Different Input Voltages (VIN)
3
2
1
CH1 AMPL
204mA
CH1 100mA
CH3 2V
CH2 1V
M1.00ms
A CH3
1.28V
T 10.20%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 16. Typical Turn-On Time and Inrush Current, VIN = 1.9 V,
200 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com