Electronic Components Datasheet Search
  English  ▼

X  

LBN07702 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN07702
Description  76.8MHz SAW Filter 25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07702 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN07702 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07702 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07702 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07702
Rev. Date
2006-10-23
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
76.8MHz SAW Filter
25MHz Bandwidth
Part Number: LBN07702
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
76.65
76.8
76.95
Insertion Loss
dB
-
23
25
1.2 dB Bandwidth
MHz
24.8
25.17
-
3 dB Bandwidth
MHz
25
26.26
-
10 dB Bandwidth
MHz
-
27.88
-
20 dB Bandwidth
MHz
-
29
-
35 dB Bandwidth
MHz
-
30.08
31
Passband Variation
dB
-
1
1.2
Absolute Delay
usec
-
1.2
1.5
Phase Linearity(f0±12MHz)
deg
-
6
9
Group Delay Variation(f0±12MHz)
nsec
-
80
200
Ultimate Rejection(Over f0±20MHz)
dB
42
44
-
Material Temperature coefficient
KHz/°C
-6.3
Ambient Temperature
°C
25
Package Size
SMD13.3*6.5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN07702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07702 SIPAT-LBN07702 Datasheet
147Kb / 3P
76.8MHz SAW Filter
More results

Similar Description - LBN07702

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07602 SIPAT-LBN07602 Datasheet
149Kb / 3P
76.8MHz SAW Filter 11.3MHz Bandwidth
LBN07703 SIPAT-LBN07703 Datasheet
156Kb / 4P
76.8MHz SAW Filter 7MHz Bandwidth
LBN07704 SIPAT-LBN07704 Datasheet
143Kb / 3P
76.8MHz SAW Filter 24MHz Bandwidth
LBN07705 SIPAT-LBN07705 Datasheet
151Kb / 3P
76.8MHz SAW Filter 5MHz Bandwidth
LBN07706 SIPAT-LBN07706 Datasheet
151Kb / 3P
76.8MHz SAW Filter 7MHz Bandwidth
LBN07707 SIPAT-LBN07707 Datasheet
152Kb / 3P
76.8MHz SAW Filter 24MHz Bandwidth
LBN07708 SIPAT-LBN07708 Datasheet
157Kb / 3P
76.8MHz SAW Filter 25MHz Bandwidth
LBN07709 SIPAT-LBN07709 Datasheet
199Kb / 3P
76.8MHz SAW Filter 20MHz Bandwidth
LBS07710 SIPAT-LBS07710 Datasheet
133Kb / 3P
76.8MHz SAW Filter 1MHz Bandwidth
LBS07710 SIPAT-LBS07710 Datasheet
133Kb / 3P
76.8MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com