Electronic Components Datasheet Search
  English  ▼

X  

FC-132-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # FC-132-D
Description  Stainless Steel Compression Fittings – Parallel Thread (BSPP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-132-D Datasheet(HTML) 2 Page - Labfacility Ltd

  FC-132-D Datasheet HTML 1Page - Labfacility Ltd FC-132-D Datasheet HTML 2Page - Labfacility Ltd FC-132-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
FITTINGS - 5
Mar-24
Specifications
General Description
Male stainless steel compression type with nut & olive
Material
Stainless steel
Thread
1/8"BSPP, 1/4"BSPP, 1/2"BSPP - Parallel Thread
Probe Diameter
Suitable for both metric and imperial probe
Multi Pack - Ordering Information
Size
Style
Manufacturers
Number
Pack Size
Farnell order
Number
1/8" BSP x 1.5mm
BSPP
FC-132-D
5
XF-2906-FAR
Singles - Ordering Information
Size
Style
Manufacturers Number
Farnell order Number
1/2" BSPP X 3mm
BSPP
FC-199-D
2770786
1/2" BSPP X 4.5mm
BSPP
FC-205-D
1633401
1/2" BSPP X 6mm
BSPP
FC-201-D
2770782
1/2"BSPP X 8.0mm
BSPP
FC-212-D
2918820
1/4" BSPP X 1/4"
BSPP
FC-170-D
2770785
1/4" BSPP X 3/16"
BSPP
FC-169-D
2918819
1/4" BSPP X 3mm
BSPP
FC-159-D
2770781
1/4" BSPP X 6mm
BSPP
FC-168-D
1633398
1/4" BSPP X 1.5mm
BSPP
FC-173-D
3584219
1/4" BSPP x 1/8"
BSPP
FC-161-D
3584217
1/4" BSPP X 4.0mm
BSPP
FC-176-D
3584220
1/4"BSPP x 4.5mm
BSPP
FC-166-D
1633397
1/8" BSPP x 1.0mm
BSPP
FC-129-D
2770783
1/8" BSPP x 1.5mm
BSPP
FC-132-D
1633392
1/8" BSPP X 1/4"
BSPP
FC-144-D
4073394
1/8" BSPP x 1/8"
BSPP
FC-139-D
2918830
1/8" BSPP X 2mm
BSPP
FC-123-D
4073392
1/8" BSPP x 3/16"
BSPP
FC-137-D
2918824
1/8" BSPP X 3mm
BSPP
FC-140-D
1633393
1/8" BSPP x 4.5mm
BSPP
FC-143-D
1633394
1/8" BSPP X 6mm
BSPP
FC-138-D
1633395
1/8" BSPP X 4mm
BSPP
FC-203-D
2918825



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com