Electronic Components Datasheet Search
  English  ▼

X  

MN35-2 Datasheet(PDF) 2 Page - Marathon Special Products

Part # MN35-2
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MN35-2 Datasheet(HTML) 2 Page - Marathon Special Products

  MN35-2 Datasheet HTML 1Page - Marathon Special Products MN35-2 Datasheet HTML 2Page - Marathon Special Products MN35-2 Datasheet HTML 3Page - Marathon Special Products MN35-2 Datasheet HTML 4Page - Marathon Special Products MN35-2 Datasheet HTML 5Page - Marathon Special Products MN35-2 Datasheet HTML 6Page - Marathon Special Products MN35-2 Datasheet HTML 7Page - Marathon Special Products MN35-2 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3/8” Sectional Channel (C), Flat (F), & DIN Mount
6G38 TS KK F
Specifications:
•
600 volts AC/DC
•
32 circuits per foot
•
Meets IP20 touchproof requirement
•
UL recognized file no. XCFR2.E62806
•
CSA certified file no. LR19766
•
CE compliant
•
RoHS compliant
Materials:
• Base - grey thermoplastic, 125°C (UL RTI)
• Tubular screw connector- copper, tin plated
• Screw - #10-32 steel, nickel plated
• Wire termination torque 16 in-lb
6G38 TS - Tubular Screw Connector
• 50 amps (40 Amps CSA)
• Single and multiple wire combinations:
Stranded CU
Solid CU
(1) #8 - #18 AWG (1) #10 - #16 AWG
(1-3) #12 AWG
(1-3) #12 AWG
(1-4) #14 AWG
(1-4) #14 or #16 AWG
6G38 TS F
Flat mount block
Std pk 100
See Figure 2 On Page 90
6G38 TS C
Channel mount block
Std pk 100
See Figure 1 On Page 90
6G38 TS DIN
DIN mount block
Std pk 25
See Figure 3 On Page 90
Wire Ranges:
Ordering Code:
Materials:
• Base - grey thermoplastic, 125°C (UL RTI)
• Kant Kut connector- copper, tin plated
• Screw - #10-32, nickel plated, pad - steel
• Wire termination torque 16 in-lb
6G38 TSKK - TS with Wire Protector Connector
• 40 Amps
• Single and multiple wire combinations:
Stranded CU
Solid CU
(1) #10-#22 AWG (1) #10 - #14 AWG
(1-2) #12 AWG
(1-2) #12 or #14 AWG
(1-3) #14 AWG
(1-4) #16 AWG
(1-5) #18 or #22 AWG
6G38 TSKK F
Flat mount block
Std pk 100
See Figure 2 On Page 90
6G38 TSKK C
Channel mount block
Std pk 100
See Figure 1 On Page 90
6G38 TSKK DIN
DIN mount block
Std pk 25
See Figure 3 On Page 90
Wire Ranges:
Ordering Code:
WIRE PROTECTOR
PLEASE CALL OR VISIT OUR WEBSITE FOR MORE INFORMATION ON PRODUCTS AND PRICING
89
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com