Electronic Components Datasheet Search
  English  ▼

X  

3-2000467 Datasheet(PDF) 2 Page - MIPOT S.p.A.

Part # 3-2000467
Description  3-2000467
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIPOT [MIPOT S.p.A.]
Direct Link  https://mipot.com/en/
Logo MIPOT - MIPOT S.p.A.

3-2000467 Datasheet(HTML) 2 Page - MIPOT S.p.A.

  3-2000467 Datasheet HTML 1Page - MIPOT S.p.A. 3-2000467 Datasheet HTML 2Page - MIPOT S.p.A. 3-2000467 Datasheet HTML 3Page - MIPOT S.p.A. 3-2000467 Datasheet HTML 4Page - MIPOT S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E L E C T R I C A L C H A R A C T E R I S T I C S :
MIPOT S.P.A.
Via Corona,n.5
(Zona Ind.)
34701 Cormons (GO)
Italy
Tel.+390481630200r.a.
Fax +39 0481 62387
mipot@mipot.com
P I N D E S C R I P T I O N :
Parameter
Min.
Tip.
Max.
Units
Transceiver Power Supply +Vcc (pin 2)
4,5
5,2
V
Booster Power Supply +Boost (pin 5)
4,5
5,2
V
Voltage Range on CTRL1 e CTRL0 (pin 7 e 8)
0
3,8
V
Receiver Electrical Characteristics:
VOL on RX Data (pin 13)
0
V
VOH on RX Data (pin 13) +Vcc = 4,5 … 5,0 V
3,4
3,9
V
Current Consumption +Vcc = 4,5 … 5,0 V
3,4
3,6
mA
Carrier Frequency f0
433.92
MHz
Frequency Bandwidth at –3 dB
f0 ± 300
KHz
Sensitivity for 2400 baud
-94
-97
dBm
Sensitivity for 19200 baud
-93
-95
dBm
Sensitivity for 38400 baud
-92
-94
dBm
Rejection ±30 MHz
55
dB
RX Switching On Time
250
_S
Transmitter Electrical Characteristics:
VIL on TX Data (pin 14)
0
V
VIH on TX Data (pin 14) a +Vcc = 4,5 … 5,0 V
5
V
Current Consumption +Vcc = 4,5 … 5,0 V
square wave modulation and 50% Duty Cycle
22
mA
Carrier frequency f0
433,62
434,22
MHz
Data Transmission Rate
1200
38400
baud
Power Output +Vcc, VIH = +5,0 V
+7.5
+10
dBm
Second Harmonic Level (868 MHz)
+Vcc = 4,5 … 5,0 V
-36
dBm
Third Harmonic Level (1302 MHz)
+Vcc = 4,5 … 5,0 V
-30
dBm
Fourth Harmonic Level (1736 MHz)
+Vcc = 4,5 … 5,0 V
-30
dBm
Radiated Emissions
According to I-ETS-300-220 and I-ETS-300-683
TX Switching On time
15
µs
Power Down Mode Electrical Characteristics:
Current Consumption
5
µA
Pin
Name
Description
1
N.C.
Not Connected
2
+VccTR
Power Supply
3
RFH
RF Input/Output. In transmission the power output is 10 mW.
An antenna with 50 Ω characteristic impedance can be connected ,see three examples below.
Note: if this pin is used then the ausiliary pin RFL (pin 9) must be not connected.
Note: the brought back values over there are pure indicative.Optimal antenna
matching goes searched using adequate instrumentation (for es.Networks Analyzer).
Isolated copper wire with 0,5 mm thick
Solenoid diameter:3,2 mm
24 coils 3 mm spaced
Antenna on PCB
Strip thickness:1 mm
Ring Area:from 4 to 10 cm2
fp(feedpoint):from15to25%oftheentireantennalenght
C:variable capacity 1,5… 5 pF
Conductive wire, strip on PCB or their
combination up to 17,3 cm total lenght



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com